Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1223-02SO Datasheet(PDF) 1 Page - ON Semiconductor

Part # CM1223-02SO
Description  Capacitance ESD Protection Arrays with Backdrive Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1223-02SO Datasheet(HTML) 1 Page - ON Semiconductor

  CM1223-02SO Datasheet HTML 1Page - ON Semiconductor CM1223-02SO Datasheet HTML 2Page - ON Semiconductor CM1223-02SO Datasheet HTML 3Page - ON Semiconductor CM1223-02SO Datasheet HTML 4Page - ON Semiconductor CM1223-02SO Datasheet HTML 5Page - ON Semiconductor CM1223-02SO Datasheet HTML 6Page - ON Semiconductor CM1223-02SO Datasheet HTML 7Page - ON Semiconductor CM1223-02SO Datasheet HTML 8Page - ON Semiconductor CM1223-02SO Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 6
1
Publication Order Number:
CM1223/D
CM1223
Industry First Low
Capacitance ESD Protection
Arrays with Backdrive
Protection
Product Description
The CM1223 family of diode arrays has been designed to provide
ESD protection for electronic components or subsystems requiring
minimal capacitive loading. These devices are ideal for protecting
systems with high data and clock rates or for circuits requiring low
capacitive loading. Each ESD channel consists of a pair of diodes in
series, which steer the positive or negative ESD current pulse to either
the positive (VP) or negative (VN) supply rail. A Zener diode is
embedded between VP and VN, to absorb positive ESD strikes and
provide ESD protection for the VP rail. An additional diode is
integrated to serve as backdrive current protection. The CM1223
protects against ESD pulses up to
±8 kV per the IEC 61000−4−2
standard. In addition, all pins are protected from contact discharges of
greater than
±15 kV as outlined by the MIL−STD−883D (Method
3015) specification for Human Body Model (HBM) ESD.
These devices are particularly well−suited for protecting systems
using high−speed ports such as USB2.0, IEEE1394 (Firewire®,
iLink
™), serial ATA, DVI, HDMI and corresponding ports in
removable storage, digital camcorders, DVD−RW drives, as well as
other applications where extremely low loading capacitance with ESD
protection are required in a small package footprint.
Features
Two, Four, and Eight Channels of ESD Protection with Integrated
Backdrive Protection on all Lines
Provides ESD Protection to IEC61000−4−2 Level 4:
±8 kV Contact Discharge & ±15 kV Air Discharge
Low Channel Input Capacitance of 1.0 pF (typical)
Minimal Capacitance Change with Temperature and Voltage
Channel I/O to GND Capacitance Difference of 0.02 pF Typical is
Ideal for Differential Signals
Mutual Capacitance between Signal Pin and Adjacent Signal Pin at
0.11 pF (typical)
Zener Diode Protects Supply Rail and Eliminates the Need for
External Bypass Capacitors
Pin Compatible with CM1213−02, −04, and −08
Each I/O Pin Can Withstand over 1000 ESD Strikes
Available in SOT, and MSOP Packages
These Devices are Pb−Free and are RoHS Compliant
Applications
USB 2.0 Ports at 480 Mbps in Desktop PCs, Notebooks
and Peripherals
IEEE1394 Firewire® Ports at 400 Mbps / 800 Mbps
DVI Ports, HDMI Ports in Notebooks, Set Top Boxes,
Digital TVs, LCD Displays
UDI and Display Ports
Serial ATA Ports in Desktop PCs and Hard Disk Drives
PCI Express Ports
General Purpose High−speed Data Line ESD Protection
MSOP−10
(Pb−Free)
4000/Tape & Reel
SOT23−6
(Pb−Free)
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
BLOCK DIAGRAM
http://onsemi.com
CM1223−02SO
SOT23−5
(Pb−Free)
3000/Tape & Reel
SOT143−4
(Pb−Free)
3000/Tape & Reel
CM1223−02SR
3000/Tape & Reel
CM1223−04SO
MSOP−10
(Pb−Free)
4000/Tape & Reel
CM1223−04MR
CM1223−08MR
XXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOT23−6
SO SUFFIX
CASE 527AJ
MSOP 10
MR SUFFIX
CASE 846AE
1
XXX MG
G
SOT143−4
XXX MG
G
MSOP−10
XXX MG
G
SOT23−6
(see page 2)
SOT23−5
SO SUFFIX
CASE 527AH
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SOT−143
SR SUFFIX
CASE 318A


Similar Part No. - CM1223-02SO

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1223-02SO CALMIRCO-CM1223-02SO Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
ON Semiconductor
CM1223-02SO ONSEMI-CM1223-02SO Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
More results

Similar Description - CM1223-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
logo
California Micro Device...
CM1223 CALMIRCO-CM1223 Datasheet
626Kb / 13P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com