Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1213-06SM Datasheet(PDF) 6 Page - ON Semiconductor

Part # CM1213-06SM
Description  6 and 8-Channel Low Capacitance ESD Protection Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM1213-06SM Datasheet(HTML) 6 Page - ON Semiconductor

  CM1213-06SM Datasheet HTML 1Page - ON Semiconductor CM1213-06SM Datasheet HTML 2Page - ON Semiconductor CM1213-06SM Datasheet HTML 3Page - ON Semiconductor CM1213-06SM Datasheet HTML 4Page - ON Semiconductor CM1213-06SM Datasheet HTML 5Page - ON Semiconductor CM1213-06SM Datasheet HTML 6Page - ON Semiconductor CM1213-06SM Datasheet HTML 7Page - ON Semiconductor CM1213-06SM Datasheet HTML 8Page - ON Semiconductor CM1213-06SM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CM1213
http://onsemi.com
6
APPLICATION INFORMATION
Design Considerations
In order to realize the maximum protection against ESD pulses, care must be taken in the PCB layout to minimize parasitic
series inductances on the Supply/Ground rails as well as the signal trace segment between the signal input (typically
a connector) and the ESD protection device. Refer to Application of Positive ESD Pulse between Input Channel and Ground,
which illustrates an example of a positive ESD pulse striking an input channel. The parasitic series inductance back to power
supply is represented by L1 and L2. The voltage VCL on the line being protected is:
VCL = Fwd voltage drop of D1 + VSUPPLY + L1 x d(IESD ) / dt + L2 x d(IESD ) / dt
where IESD is the ESD current pulse, and VSUPPLY is the positive supply voltage.
An ESD current pulse can rise from zero to its peak value in a very short time. As an example, a level 4 contact discharge
per the IEC61000−4−2 standard results in a current pulse that rises from zero to 30 Amps in 1 ns. Here d(IESD)/dt can be
approximated by
DIESD/Dt, or 30/(1x10−9). So just 10 nH of series inductance (L1 and L2 combined) will lead to a 300 V
increment in VCL!
Similarly for negative ESD pulses, parasitic series inductance from the VN pin to the ground rail will lead to drastically
increased negative voltage on the line being protected.
The CM1213 has an integrated Zener diode between VP and VN. This greatly reduces the effect of supply rail inductance
L2 on VCL by clamping VP at the breakdown voltage of the Zener diode. However, for the lowest possible VCL, especially when
VP is biased at a voltage significantly below the Zener breakdown voltage, it is recommended that a 0.22 mF ceramic chip
capacitor be connected between VP and the ground plane.
As a general rule, the ESD Protection Array should be located as close as possible to the point of entry of expected
electrostatic discharges. The power supply bypass capacitor mentioned above should be as close to the VP pin of the Protection
Array as possible, with minimum PCB trace lengths to the power supply, ground planes and between the signal input and the
ESD device to minimize stray series inductance.
Additional Information
See also ON Semiconductor Application Note, “Design Considerations for ESD Protection”, in the Applications section.
POSITIVE SUPPLY RAIL
CHANNEL
INPUT
GROUND RAIL
CHASSIS GROUND
SYSTEM OR
CIRCUITRY
BEING
PROTECTED
LINE BEING
PROTECTED
ONE
CHANNEL
OF
CM1213
D2
D1
L1
L2
VCC
VCL
VN
VP
0.22 mF
PATH OF ESD CURRENT PULSE IESO
0 A
25 A
Figure 5. Application of Positive ESD Pulse between Input Channel and Ground


Similar Part No. - CM1213-06SM

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1213-06SM CALMIRCO-CM1213-06SM Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213-06SM ONSEMI-CM1213-06SM Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results

Similar Description - CM1213-06SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com