Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

20TLV045 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. 20TLV045
Description  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

20TLV045 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: JEDEC R-6 molded plastic
Polarity: Color band denotes cathode
Weight: 0.07 ounces , 2.1 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
I(AV)
A
IFSM
A
VF
V
@Tj=25℃
@Tj=75℃
@Tj=100℃
@Tj=125℃
RθJC
/W
TJ
TSTG
2.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
Typical Thermal Resistance
2.5
Operating Temperature Range(IN DC Forward Mode-
Forward Operations,without reverse bias, t≤1h)
-55 to+200
Storage Temperature Range
-55 to+200
NOTES:1.300us Pulse Width, 2%Duty Cycle.
Peak Forward Voltage at 20A DC(Note1)
0.55
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
0.5
mA
4.0
50.0
70
Maximum RMS Voltage
31.5
Maximum DC Blocking Voltage
45
Maximum Average Forward
Rectified Current
@Tc=170 ℃
20
Peak Forward Surge Current 8.3ms single half sine-
wave super imposed on rated load(JEDEC Method)
275
Maximum Recurrent Peak Reverse Voltage
45
●Metal of silicon rectifier , majority carrier conduction
For use in low voltage,high frequency inverters,free wheeling,and
polarity protection applications
Dimensions in inches and (millimeters)
CHARACTERISTICS
20TLV045
20TLV045
PHOTOVOLTAIC SOLAR CELL PROTECTION
SCHOTTKY RECTIFIER
REVERSE VOLTAGE - 45Volts
FORWARD CURRENT - 20 Amperes
R - 6
2100
.360(9.1)
.340(8.6)
.052(1.3)
.048(1.2) DIA.
.360(9.1)
.340(8.6)
DIA.
1.0(25.4)
MIN.
1.0(25.4)
MIN.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn