Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

15TQ045 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. 15TQ045
Description  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

15TQ045 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low forward voltage drop,low power losses
High efficiency operation
High forward surge capability
Solder dip 275℃ max. 10s,per JESD 22-B106
accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case: JEDEC R-6 molded plastic
Polarity: Color band denotes cathode
Weight: 0.07 ounces , 2.1 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
IF(AV)
IFSM
A
IF=5.0A
IF=7.5A
IF=15A
IF=5.0A
IF=7.5A
IF=15A
TA=25℃
μA
TA=125℃
mA
Typical Junction Capacitance
CJ
pF
RθJA
(3)
RθJL
(3)
RθJL
(4)
/W
Top
TJ
TSTG
(2) Pulse test:40ms pulse width
(3) Without heatsink,free air,units mounted on PCB with 2 mm Χ 2 mm copper pad areas at 9.5 mm lead length
(4) Leads clipped at 3 mm lead length from plastic body on 7.0 cm Χ 2.2 cm Χ 1.9 cm Χ 2 heatsink
(5) Meets the requirements of IEC 61215 ed. 2 bypass diode thermal test
(6).The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
Notes:(1) Pulse test:300 μs pulse width ,1% duty cycle
Junction Temperature in DC Forward Current Without reverse bias,
t≤1h (fig. 2) (Note 5)
≤200
Storage Temperature Range
-40 to +175
Typical Thermal Resistance
2.5
Operating Junction Temperature Range
-40 to +150
Thermal Resistance
55
/W
3.5
800 (MAX.)
7.5 (TYP.)
25 (MAX.)
4.0 V, 1 MHz
1290 (TYP.)
Reverse Current (NOTE 2)
VR=45V
IR
11.6 (TYP.)
V
0.46 (TYP.)
0.51 (TYP.)
0.59 (MAX.)
0.33 (TYP.)
0.36 (TYP.)
0.44 (TYP.)
0.54 (MAX.)
Peak Forward Surge Current 8.3ms single half sine-wave super
imposed on rated load(JEDEC Method)
200
Instantaneous Forward voltage (NOTE 1)
TA=25℃
VF
0.44 (TYP.)
TA=125℃
Maximum Average Forward (with heatsink)
15
A
Rectified Current
(without heatsink, free air)
6
Maximum RMS Voltage
31.5
Maximum DC Blocking Voltage
45
CHARACTERISTICS
15TQ045
Maximum Recurrent Peak Reverse Voltage
45
15TQ045
PHOTOVOLTAIC SOLAR CELL
PROTECTION SCHOTTKY RECTIFIER
REVERSE VOLTAGE - 45Volts
FORWARD CURRENT - 15.0 Amperes
●Trench MOS Schottky technology
Compliant to RoHS Directive 2002/95/ec and in
Dimensions in inches and (millimeters)
R - 6
TC measurement point
壳温量测点


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn