Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

15THY045 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. 15THY045
Description  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

15THY045 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
15THY045
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITIVE SURGE
8.3Single Half-Sine-Wave
(JEDEC METOD)
12
5
10
20
50
100
10
60
160
210
260
110
310
CASE TEMPERATURE ℃
FIG.1-FORWARD CURRENT DERATING CURVE
40
60
80
100 120
140 160
10
15
5
0
20
180
200 220
IN DC
FIG.3-TYPICAL REVERSE
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
INSTANTANEOUS FORWARD VOLTAGE VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
0.01
20
TJ=100℃
TJ=25℃
TJ=125℃
TJ=75℃
0.001
0.01
0.1
1.0
10
20
40
60
80
100
TJ=100℃
TJ=25℃
TJ=125℃
TJ=75℃
Pulse Width
300uS
2%Duty Cycle


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn