Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

15THY045 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part No. 15THY045
Description  PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

15THY045 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low IR
High surge capacity
MECHANICAL DATA
Polarity: Color band denotes cathode
Weight: 0.07 ounces , 2.1 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
I(AV)
A
IFSM
A
VF
V
@Tj=25℃
@Tj=75℃
@Tj=100℃
@Tj=125℃
RθJC
/W
TJ
TSTG
Rev. 7, 16-Mar-2017
Operating Temperature Range(IN DC Forward Mode-
Forward Operations,without reverse bias, t≤1h)
-55 to+200
Storage Temperature Range
-55 to+200
NOTES:1.300us Pulse Width, 2%Duty Cycle.
2.Thermal Resistance Junction to case.
Maximum DC Blocking Voltage
45
Maximum Average Forward
Rectified Current
@TC=175 ℃
15
mA
2.2
15
25
Typical Thermal Resistance (Note2)
3
Peak Forward Surge Current 8.3ms single half sine-
wave super imposed on rated load(JEDEC Method)
260
Peak Forward Voltage at 15A DC(Note1)
0.55
Maximum DC Reverse Current
at Rated DC Blocking Voltage
IR
1.5
15THY045
PHOTOVOLTAIC SOLAR CELL PROTECTION
SCHOTTKY RECTIFIER
REVERSE VOLTAGE - 45Volts
FORWARD CURRENT - 15.0 Amperes
Maximum RMS Voltage
31.5
●Metal of silicon rectifier , majority carrier conduction
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
Dimensions in inches and (millimeters)
CHARACTERISTICS
15THY045
Maximum Recurrent Peak Reverse Voltage
45
R - 6
2100
.360(9.1)
.340(8.6)
.052(1.3)
.048(1.2) DIA
.360(9.1)
.340(8.6)
DIA.
1.0(25.4)
MIN.
1.0(25.4)
MIN.
TC measurement
point


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn