Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP1210H273J-G2 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # FCP1210H273J-G2
Description  Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCP1210H273J-G2 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  FCP1210H273J-G2 Datasheet HTML 1Page - Cornell Dubilier Electronics FCP1210H273J-G2 Datasheet HTML 2Page - Cornell Dubilier Electronics FCP1210H273J-G2 Datasheet HTML 3Page - Cornell Dubilier Electronics FCP1210H273J-G2 Datasheet HTML 4Page - Cornell Dubilier Electronics FCP1210H273J-G2 Datasheet HTML 5Page - Cornell Dubilier Electronics FCP1210H273J-G2 Datasheet HTML 6Page - Cornell Dubilier Electronics FCP1210H273J-G2 Datasheet HTML 7Page - Cornell Dubilier Electronics FCP1210H273J-G2 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Type FCP Surface Mount Film Capacitors
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Ratings
Capacitance
16 Vdc
50 Vdc
(µF)
(nF)
(pF)
Catalog
Case
Catalog
Case
Part Number
Code
Part Number
Code
.00010
.10
100
FCP0603C101J-K1
0603
FCP0805H101J-J1
0805
.00012
.12
120
FCP0603C121J-K1
FCP0805H121J-J1
.00015
.15
150
FCP0603C151J-K1
FCP0805H151J-J1
.00018
.18
180
FCP0603C181J-K1
FCP0805H181J-J1
.00022
.22
220
FCP0603C221J-K1
FCP0805H221J-J1
.00027
.27
270
FCP0603C271J-K1
FCP0805H271J-J1
.00033
.33
330
FCP0603C331J-K1
FCP0805H331J-J1
.00039
.39
390
FCP0603C391J-K1
FCP0805H391J-J1
.00047
.47
470
FCP0603C471J-K1
FCP0805H471J-J1
.00056
.56
560
FCP0603C561J-K1
FCP0805H561J-J1
.00068
.68
680
FCP0603C681J-K1
FCP0805H681J-J1
.00082
.82
820
FCP0603C821J-K1
FCP0805H821J-J1
.0010
1.00
1000
FCP0603C102J-K1
FCP0805H102J-J1
.0012
1.20
1200
FCP0603C122J-K1
FCP0805H122J-J1
.0015
1.50
1500
FCP0603C152J-K1
FCP0805H152J-J1
.0018
1.80
1800
FCP0603C182J-K1
FCP0805H182J-J1
.0022
2.20
2200
FCP0603C222J-K1
FCP0805H222J-J1
.0027
2.70
2700
FCP0603C272J-K1
FCP0805H272J-J1
.0033
3.30
3300
FCP0805C332J-J1
805
FCP1206H332J-H1
1206
.0039
3.90
3900
FCP0805C392J-J1
FCP1206H392J-H1
.0047
4.70
4700
FCP0805C472J-J1
FCP1206H472J-H1
.0056
5.60
5600
FCP0805C562J-J1
FCP1206H562J-H1
.0068
6.80
6800
FCP0805C682J-J1
FCP1206H682J-H1
.0082
8.20
8200
FCP0805C822J-J2
FCP1206H822J-H2
.010
10
10000
FCP0805C103J-J2
FCP1206H103J-H2
.012
12
12000
FCP1206C123J-H1
1206
FCP1210H123J-G1
1210
.015
15
15000
FCP1206C153J-H1
FCP1210H153J-G1
.018
18
18000
FCP1206C183J-H1
FCP1210H183J-G2
.022
22
22000
FCP1206C223J-H1
FCP1210H223J-G2
.027
27
27000
FCP1206C273J-H2
FCP1210H273J-G2
.033
33
33000
FCP1206C333J-H2
FCP1210H333J-G3
.039
39
39000
FCP1206C393J-H3
FCP1210H393J-G3
.047
47
47000
FCP1206C473J-H3
FCP1913H473J-E1
1913
.056
56
56000
FCP1210C563J-G2
1210
FCP1913H563J-E1
.068
68
68000
FCP1210C683J-G2
FCP1913H683J-E1
.082
82
82000
FCP1210C823J-G3
FCP1913H823J-E2
.100
100
100000
FCP1210C104J-G3
FCP1913H104J-E2
.12
120
120000
FCP2416H124J-D1
2416
.15
150
150000
FCP2416H154J-D1
.18
180
180000
FCP2416H184J-D3
.22
220
220000
FCP2416H224J-D4
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering


Similar Part No. - FCP1210H273J-G2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCP1210H273J-G2 CDE-FCP1210H273J-G2 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
More results

Similar Description - FCP1210H273J-G2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCN-KIT2 ETC2-FCN-KIT2 Datasheet
492Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com