Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA13177 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA13177
Description  Rita series
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA13177 Datasheet(HTML) 1 Page - Cree, Inc

  CA13177 Datasheet HTML 1Page - Cree, Inc CA13177 Datasheet HTML 2Page - Cree, Inc CA13177 Datasheet HTML 3Page - Cree, Inc CA13177 Datasheet HTML 4Page - Cree, Inc CA13177 Datasheet HTML 5Page - Cree, Inc CA13177 Datasheet HTML 6Page - Cree, Inc CA13177 Datasheet HTML 7Page - Cree, Inc CA13177 Datasheet HTML 8Page - Cree, Inc CA13177 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
PRODUCT DATASHEET
Rita series
last update 5/11/2014
DETAILS
Product Number
CA13177_RITA-WAS
Family
Rita
Type
RefAssy
Color
white
Diameter
31,9 + 28,4 mm
Height
17,3 mm
Style
rectang
Optic Material
Holder Material
Fastening
pin, tape
Status
production ready
ROHS Comliant
Yes
Date Updated
5/11/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
Asymmetric degAsymmetric 85 %
0.630
-
XM-L
Asymmetric degAsymmetric 84 %
0.611
-
XT-E
Asymmetric degAsymmetric 84 %
0.640
-
XP-G2
Asymmetric degAsymmetric 85 %
0.657
-
XP-E
Asymmetric degAsymmetric 83 %
0.630
-
MK-R
Asymmetric degAsymmetric 85 %
0.600
-
XB-D
Asymmetric degAsymmetric 82 %
0.600
-
XM-L2
asymmetric degAsymmetric 83 %
0.600
-
XP-L
Asymmetric degAsymmetric 86 %
0.610
-
LUXEON A
Asymmetric degAsymmetric 86 %
0.680
-
LUXEON M/MX
Asymmetric degAsymmetric 85 %
0.638
-
LUXEON T
Asymmetric degAsymmetric 84 %
0.600
-
LUXEON H50-2
sim: AsymmetricAsymmetric -
-
-
LUXEON MZ
asymmetric degAsymmetric 84 %
0.600
-
LUXEON TX
Asymmetric degAsymmetric 83 %
0.620
-
NVSxx19B/NVSxx19C
Asymmetric degAsymmetric 82 %
0.610
-
NS9x383
Asymmetric degAsymmetric 85 %
0.630
-
Oslon Square EC
Asymmetric degAsymmetric 84 %
0.654
-
June 2nd 2017 7:31 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA13177

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
   Asymmetric beam for wall washing
More results

Similar Description - CA13177

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12516 CREE-C12516 Datasheet
1Mb / 31P
   Rita series
CX14343 CREE-CX14343 Datasheet
677Kb / 11P
   Rita series
C12512-RITA-A CREE-C12512-RITA-A Datasheet
504Kb / 7P
   Rita series
CX14342 CREE-CX14342 Datasheet
547Kb / 11P
   Rita series
C12512 CREE-C12512 Datasheet
783Kb / 13P
   Rita series
CA12514 CREE-CA12514 Datasheet
2Mb / 33P
   Rita series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com