Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPM6W1K-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # DPM6W1K-F
Description  Great for High Frequency Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DPM6W1K-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  DPM6W1K-F Datasheet HTML 1Page - Cornell Dubilier Electronics DPM6W1K-F Datasheet HTML 2Page - Cornell Dubilier Electronics DPM6W1K-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740 • Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type DPM Polypropylene Film Capacitors
Cap.
Catalog
T Max.
H Max.
L Max.
S ±.06 (±1.5)
d
dV/dt
(µF)
Part Number
Inches(mm)
Inches(mm)
Inches(mm)
Inches(mm)
Inches(mm) V/μs
250 Vdc (160 Vac)
1.00
DPM2W1K-F
0.473(12.0)
0.788(20.0)
1.024(26.0)
0.886(22.5)
0.032(0.8)
19
1.50
DPM2W1P5K-F
0.551(14.0)
0.866(22.0)
1.260(32.0)
1.083(27.5)
0.032(0.8)
14
2.20
DPM2W2P2K-F
0.591(15.0)
0.945(24.0)
1.260(32.0)
1.083(27.5)
0.032(0.8)
14
3.30
DPM2W3P3K-F
0.670(17.0)
1.063(27.0)
1.851(47.0)
1.575(40.0)
0.032(0.8)
8
4.70
DPM2W4P7K-F
0.788(20.0)
1.182(30.0)
1.851(47.0)
1.575(40.0)
0.032(0.8)
8
6.80
DPM2W6P8K-F
0.906(23.0)
1.300(33.0)
1.851(47.0)
1.575(40.0)
0.032(0.8)
8
400 Vdc (220 Vac)
.010
DPM4S1K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
51
.015
DPM4S15K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
51
.022
DPM4S22K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
51
.033
DPM4S33K-F
0.315(8.0)
0.473(12.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
51
.047
DPM4S47K-F
0.315(8.0)
0.473(12.0)
0.709(18.0)
0.591(15.0)
0.024(0.6)
35
.068
DPM4S68K-F
0.315(8.0)
0.512(13.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
35
.10
DPM4P1K-F
0.354(9.0)
0.551(14.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
35
.15
DPM4P15K-F
0.315(8.0)
0.591(15.0)
1.024(26.0)
0.886(22.5)
0.032(0.8)
26
.22
DPM4P22K-F
0.394(10.0)
0.630(16.0)
1.024(26.0)
0.886(22.5)
0.032(0.8)
26
.33
DPM4P33K-F
0.433(11.0)
0.709(18.0)
1.024(26.0)
0.886(22.5)
0.032(0.8)
26
.47
DPM4P47K-F
0.433(11.0)
0.709(18.0)
1.260(32.0)
1.083(27.5)
0.032(0.8)
17
.68
DPM4P68K-F
0.551(14.0)
0.866(22.0)
1.260(32.0)
1.083(27.5)
0.032(0.8)
17
1.00
DPM4W1K-F
0.630(16.0)
0.985(25.0)
1.260(32.0)
1.083(27.5)
0.032(0.8)
17
1.50
DPM4W1P5K-F
0.670(17.0)
0.985(25.0)
1.851(47.0)
1.575(40.0)
0.032(0.8)
11
2.20
DPM4W2P2K-F
0.788(20.0)
1.103(28.0)
1.851(47.0)
1.575(40.0)
0.032(0.8)
11
3.30
DPM4W3P3K-F
0.945(24.0)
1.300(33.0)
1.851(47.0)
1.575(40.0)
0.032(0.8)
11
630 Vdc (250 Vac)
.010
DPM6S1K-F
0.276(7.0)
0.433(11.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
69
.015
DPM6S15K-F
0.276(7.0)
0.473(12.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
69
.022
DPM6S22K-F
0.315(8.0)
0.512(13.0)
0.512(13.0)
0.394(10.0)
0.024(0.6)
69
.033
DPM6S33K-F
0.315(8.0)
0.512(13.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
48
.047
DPM6S47K-F
0.354(9.0)
0.591(15.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
48
.068
DPM6S68K-F
0.394(10.0)
0.630(16.0)
0.709(18.0)
0.591(15.0)
0.032(0.8)
48
.10
DPM6P1K-F
0.394(10.0)
0.610(15.5)
1.024(26.0)
0.886(22.5)
0.032(0.8)
36
.15
DPM6P15K-F
0.473(12.0)
0.709(18.0)
1.024(26.0)
0.886(22.5)
0.032(0.8)
36
.22
DPM6P22K-F
0.473(12.0)
0.866(22.0)
1.260(32.0)
1.083(27.5)
0.032(0.8)
33
.33
DPM6P33K-F
0.512(13.0)
0.866(22.0)
1.260(32.0)
1.083(27.5)
0.032(0.8)
33
.47
DPM6P47K-F
0.591(15.0)
0.965(24.5)
1.260(32.0)
1.083(27.5)
0.032(0.8)
33
.68
DPM6P68K-F
0.610(15.5)
1.083(27.5)
1.260(32.0)
1.083(27.5)
0.032(0.8)
33
1.00
DPM6W1K-F
0.748(19.0)
1.182(30.0)
1.851(47.0)
1.575(40.0)
0.032(0.8)
22


Similar Part No. - DPM6W1K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPM6W1K-F CDE-DPM6W1K-F Datasheet
264Kb / 2P
   Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
More results

Similar Description - DPM6W1K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPM2S1K-F CDE-DPM2S1K-F Datasheet
264Kb / 2P
   Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
930C CDE-930C Datasheet
143Kb / 5P
   Low Dissipation, High Voltage/High Frequency Switching Power Supplies
932 CDE-932 Datasheet
254Kb / 2P
   Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
935C CDE-935C Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Vishay Siliconix
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com