Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C13866 Datasheet(PDF) 2 Page - Cree, Inc

Part # C13866
Description  Strada series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C13866 Datasheet(HTML) 2 Page - Cree, Inc

  C13866 Datasheet HTML 1Page - Cree, Inc C13866 Datasheet HTML 2Page - Cree, Inc C13866 Datasheet HTML 3Page - Cree, Inc C13866 Datasheet HTML 4Page - Cree, Inc C13866 Datasheet HTML 5Page - Cree, Inc C13866 Datasheet HTML 6Page - Cree, Inc C13866 Datasheet HTML 7Page - Cree, Inc C13866 Datasheet HTML 8Page - Cree, Inc C13866 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
2:1 WEIGHT
-
SHEET
1/1
SIZE
A4
DRAWING TITLE
STRADA-SQ-CY_MechanicalDrawing
PART NUMBER
C13866
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
Front view
2 5
2
Bottom view
25. 4
c/c Fastenin g
3. 2
Top view


Similar Part No. - C13866

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13866 LEDIL-C13866 Datasheet
2Mb / 7P
   Beam for canopy lighting with batwing light distribution
logo
Lumileds Lighting Compa...
C13866_STRADA-SQ-CY LUMILEDS-C13866_STRADA-SQ-CY Datasheet
1Mb / 19P
   PRODUCT DATASHEET Strada-SQ series
More results

Similar Description - C13866

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
   Strada series
C13896 CREE-C13896 Datasheet
1Mb / 22P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com