Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHA227M16F24T-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AHA227M16F24T-F
Description  Long Life Filtering, Bypassing, Power Supply Decoupling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA227M16F24T-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AHA227M16F24T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AHA227M16F24T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AHA227M16F24T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AHA227M16F24T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AHA227M16F24T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AHA227M16F24T-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type AHA
SMT Aluminum Electrolytic Capacitors -55 °C to +105 °C - Long Life
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Part Numbering System
Max
Max
Max
Max
Catalog
DCL
DF
ESR
Ripple Current
Case
Size
Quantity
Cap
Part Number
2 min.
120 Hz /20 ºC
120 Hz /20 ºC
120 Hz /105 °C
Code
D x L
per Reel
(µF)
(µA)
( Ω )
(mA)
(mm)
35 Vdc (44 Vdc Surge)
4.7 AHA475M35B12T-F
3.0
0.12
42.3
22
B
4 x 5.4
2000
10.0 AHA106M35B12T-F
3.6
0.16
26.5
22
B
4 x 5.4
2000
10.0 AHA106M35C12T-F
3.6
0.12
19.9
30
C
5 x 5.4
1000
22.0 AHA226M35C12T-F
7.7
0.16
12.1
35
C
5 x 5.4
1000
22.0 AHA226M35D16T-F
7.7
0.12
9.0
60
D
6.3 x 5.4
1000
33.0 AHA336M35D16T-F
11.6
0.16
8.0
42
D
6.3 x 5.4
1000
33.0 AHA336M35E16T-F
11.6
0.14
7.0
84
E
8 x 6.2
1000
47.0 AHA476M35E16T-F
16.5
0.14
4.9
84
E
8 x 6.2
1000
47.0 AHA476M35F24T-F
16.5
0.14
4.9
98
F
8 x 10.2
500
100.0 AHA107M35X16T-F
35.0
0.12
2.0
84
X
6.3 x 7.7
900
100.0 AHA107M35F24T-F
35.0
0.14
2.3
120
F
8 x 10.2
500
100.0 AHA107M35G24T-F
35.0
0.14
2.3
160
G
10 x 10.2
500
220.0 AHA227M35F24T-F
77.0
0.14
1.1
170
F
8 x 10.2
500
220.0 AHA227M35G24T-F
77.0
0.14
1.1
210
G
10 x 10.2
500
330.0 AHA337M35G24T-F
115.5
0.14
0.7
250
G
10 x 10.2
500
50 Vdc (63 Vdc Surge)
0.10 AHA104M50B12T-F
*
3.0
0.12
1990.0
1
B
4 x 5.4
2000
0.22 AHA224M50B12T-F
*
3.0
0.12
905.0
2
B
4 x 5.4
2000
0.33 AHA334M50B12T-F
*
3.0
0.12
603.0
3
B
4 x 5.4
2000
0.47 AHA474M50B12T-F
*
3.0
0.12
424.0
5
B
4 x 5.4
2000
1.0 AHA105M50B12T-F
3.0
0.12
199.0
10
B
4 x 5.4
2000
2.2 AHA225M50B12T-F
3.0
0.12
90.5
16
B
4 x 5.4
2000
3.3 AHA335M50B12T-F
3.0
0.12
60.3
16
B
4 x 5.4
2000
4.7 AHA475M50C12T-F
3.0
0.12
42.4
23
C
5 x 5.4
1000
10.0 AHA106M50D16T-F
5.0
0.12
19.9
35
D
6.3 x 5.4
1000
22.0 AHA226M50E16T-F
11.0
0.12
9.0
70
E
8 x 6.2
1000
33.0 AHA336M50X16T-F
16.5
0.12
6.0
60
X
6.3 x 7.7
900
33.0 AHA336M50E16T-F
16.5
0.12
6.0
70
E
8 x 6.2
1000
33.0 AHA336M50F24T-F
16.5
0.12
6.0
91
F
8 x 10.2
500
47.0 AHA476M50X16T-F
23.5
0.12
4.2
63
X
6.3 x 7.7
900
47.0 AHA476M50F24T-F
23.5
0.12
4.2
95
F
8 x 10.2
500
47.0 AHA476M50G24T-F
23.5
0.12
4.2
100
G
10 x 10.2
500
100.0 AHA107M50F24T-F
50.0
0.12
2.0
110
F
8 x 10.2
500
100.0 AHA107M50G24T-F
50.0
0.12
2.0
120
G
10 x 10.2
500
220.0 AHA227M50G24T-F
110.0
0.12
0.9
150
G
10 x 10.2
500
63 Vdc (75 Vdc Surge)
10.0 AHA106M63E16T-F
6.3
0.18
29.9
25
E
8 x 6.2
1000
22.0 AHA226M63E16T-F
13.9
0.18
13.6
30
E
8 x 6.2
1000
22.0 AHA226M63F24T-F
13.9
0.18
13.6
30
F
8 x 10.2
500
33.0 AHA336M63G24T-F
20.8
0.18
9.0
45
G
10 x 10.2
500
47.0 AHA476M63F24T-F
29.6
0.18
6.3
50
F
8 x 10.2
500
47.0 AHA476M63G24T-F
29.6
0.18
6.3
50
G
10 x 10.2
500
100 Vdc (125 Vdc Surge)
3.3 AHA335M2AE16T-F
3.3
0.18
90.5
30
E
8 x 6.2
1000
4.7 AHA475M2AE16T-F
*
4.7
0.18
63.5
30
E
8 x 6.2
1000
4.7 AHA475M2AF24T-F
*
4.7
0.18
63.5
50
F
8 x 10.2
500
10.0 AHA106M2AF24T-F
10.0
0.18
29.8
55
F
8 x 10.2
500
22.0 AHA226M2AF24T-F
22.0
0.18
13.6
55
F
8 x 10.2
500
22.0 AHA226M2AG24T-F
22.0
0.18
13.6
60
G
10 x 10.2
500
33.0 AHA336M2AG24T-F
33.0
0.18
9.0
65
G
10 x 10.2
500
AHA
106
M
16
B
12T
– F
I
I
I
I
I
I
I
Series Capacitance
Capacitance
Voltage
Case
Packaging
RoHS
104 = 0.1 µF
Tolerance
06 = 6.3 Vdc 35 = 35 Vdc
Code
Information
Compliant
105 = 1.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
B = B
12 = Carrier Tape
106 = 10.0 µF
16 = 16 Vdc 63 = 63 Vdc
Width (mm)
107 = 100.0 µF
25 = 25 Vdc 2A = 100 Vdc
T = Tape & Reel
108 = 1000.0 µF
B = Bulk
* denotes a discontinued part


Similar Part No. - AHA227M16F24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA227M16F24T-F CDE-AHA227M16F24T-F Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AHA227M16F24T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA CDE-AHA_17 Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com