Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

940C20S22K-F Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 940C20S22K-F
Description  High dV/dt for Snubber Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

940C20S22K-F Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  940C20S22K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 940C20S22K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 940C20S22K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 940C20S22K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 940C20S22K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
I
RMS
Typical
Typical
70 ºC
Cap.
Catalog
D
L
d
ESR
ESL
dV/dt
I peak
100 kHz
(µF)
Part Number
mm
mm
mm
(mΩ)
(nH)
V/µs
(A)
(A)
1200 Vdc (500 Vac)
.10
940C12P1K-F
15.5
34.0
1.0
9
22
1142
114
6.1
.15
940C12P15K-F
18.5
34.0
1.0
7
23
1142
171
7.6
.22
940C12P22K-F
21.5
34.0
1.0
7
24
1142
251
8.4
.33
940C12P33K-F
20.0
46.0
1.0
7
29
640
211
9.0
.47
940C12P47K-F
23.0
46.0
1.2
7
30
640
301
9.8
.68
940C12P68K-F
27.0
46.0
1.2
6
32
640
435
11.7
1.00
940C12W1K-F
33.0
46.0
1.2
5
35
640
640
14.5
1.50
940C12W1P5K-F
35.0
54.0
1.2
4
39
502
754
17.9
1600 Vdc (500 Vac)
.10
940C16P1K-F
18.0
34.0
1.0
7
23
1427
143
7.5
.15
940C16P15K-F
21.5
34.0
1.0
5
24
1427
214
9.9
.22
940C16P22K-F
25.5
34.0
1.2
7
26
1427
314
9.3
.33
940C16P33K-F
23.5
46.0
1.2
7
31
800
264
10.0
.47
940C16P47K-F
27.5
46.0
1.2
6
32
800
376
11.8
.68
940C16P68K-F
32.5
46.0
1.2
6
35
800
544
13.1
1.00
940C16W1K-F
39.0
46.0
1.2
5
37
800
800
16.2
1.50
940C16W1P5K-F
42.0
54.0
1.2
4
42
628
942
20.1
2000 Vdc (500 Vac)
.022
940C20S22K-F
11.5
34.0
0.8
35
6
1712
38
2.6
.033
940C20S33K-F
13.5
34.0
0.8
20
21
1712
57
3.8
.047
940C20S47K-F
15.0
34.0
1.0
12
22
1712
80
5.2
.068
940C20S68K-F
17.5
34.0
1.0
8
23
1712
116
6.9
.100
940C20P1K-F
21.0
34.0
1.0
7
24
1712
171
8.3
.150
940C20P15K-F
19.5
46.0
1.0
7
29
960
144
8.9
.220
940C20P22K-F
22.0
46.0
1.0
8
30
960
211
9.0
.330
940C20P33K-F
27.0
46.0
1.2
8
32
960
317
10.1
.470
940C20P47K-F
32.0
46.0
1.2
6
34
960
451
13.0
.560
940C20P56K-F
31.0
54.0
1.2
7
37
754
422
12.6
.680
940C20P68K-F
34.0
54.0
1.2
6
39
754
513
14.3
1.00
940C20W1K-F
41.0
54.0
1.2
5
42
754
754
17.7
3000 Vdc (500 Vac)
.010
940C30S1K-F
11.5
34.0
0.8
60
20
2568
26
2.0
.015
940C30S15K-F
13.5
34.0
0.8
40
21
2568
39
2.7
.022
940C30S22K-F
15.5
34.0
1.0
25
22
2568
57
3.6
.033
940C30S33K-F
18.0
34.0
1.0
14
23
2568
85
5.3
.047
940C30S47K-F
16.5
46.0
1.0
14
28
1440
68
5.7
.068
940C30S68K-F
19.0
46.0
1.0
12
29
1440
98
6.7
.100
940C30P1K-F
22.5
46.0
1.2
10
30
1440
144
8.1
.150
940C30P15K-F
27.0
46.0
1.2
8
32
1440
216
10.1
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 940C, Polypropylene Capacitors, for Pulse, Snubber
High dV/dt for Snubber Applications


Similar Part No. - 940C20S22K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
940C20S22K-F ETC2-940C20S22K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
940C20S22K-F CDE-940C20S22K-F Datasheet
285Kb / 3P
   Type 940C through 943C Power Film Capacitors
More results

Similar Description - 940C20S22K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
942C CDE-942C Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
SCD CDE-SCD Datasheet
104Kb / 4P
   High dV/dt Direct Mount IGBT Snubber
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com