Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBM1045VCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBM1045VCT
Description  UlTRA LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBM1045VCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBM1045VCT_16 Datasheet HTML 1Page - Pan Jit International Inc. SBM1045VCT_16 Datasheet HTML 2Page - Pan Jit International Inc. SBM1045VCT_16 Datasheet HTML 3Page - Pan Jit International Inc. SBM1045VCT_16 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
November 1,2016-REV.02
SBM1045VCT
UlTRA LOW VF SCHOTTKY RECTIFIER
VOLTAGE
45 Volt
10 Ampere
FEATURES
• Ultra low forward voltage drop, low power loss
• High efficiency operation
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : TO-220AB, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Weight: 0.067 ounces, 1.89 grams
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Note : 1. Mounted on infinite heatsink.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum average forward rectified current
per diode
per device
I F(AV)
10
5
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
per diode
I FSM
150
A
Typical junction capacitance (VR=4V, f=1MHz)
CJ
500
pF
Typical thermal resistance per diode
(Note 1)
RΘJC
2
oC/W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage per diode
VBR
I R=0.5mA
45
-
-
V
Instantaneous forward voltage per diode
VF
I F=1A
I F=5A
TJ=25oC
-
-
0.3
0.4
-
0.46
V
I F=1A
I F=5A
TJ=125oC
-
-
0.21
0.35
-
-
V
Reverse current per diode
I R
VR=36V
-
100
-
μA
VR=45V
TJ=25oC
TJ=125oC
-
-
-
20
250
-
μA
mA


Similar Part No. - SBM1045VCT_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBM1045VCT_A0_00001 PANJIT-SBM1045VCT_A0_00001 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VCT_A0_10001 PANJIT-SBM1045VCT_A0_10001 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VCT_A1_00001 PANJIT-SBM1045VCT_A1_00001 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VCT_A1_10001 PANJIT-SBM1045VCT_A1_10001 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VCT_A2_00001 PANJIT-SBM1045VCT_A2_00001 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBM1045VCT_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10100VCT PANJIT-SBT10100VCT_16 Datasheet
229Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM2045VFCT PANJIT-SBM2045VFCT_16 Datasheet
317Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT1550VS PANJIT-SBT1550VS_16 Datasheet
268Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com