Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHA107M06D16T-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AHA107M06D16T-F
Description  Long Life Filtering, Bypassing, Power Supply Decoupling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AHA107M06D16T-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AHA107M06D16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AHA107M06D16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AHA107M06D16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AHA107M06D16T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AHA107M06D16T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AHA107M06D16T-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Type AHA
SMT Aluminum Electrolytic Capacitors -55 °C to +105 °C - Long Life
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1,000
10,000
100,000
1,000,000
65
°C
25
°C
85
°C
0
°C
105
°C
–40
°C
45
°C
–20
°C
–55
°C
Capacitance vs. Temperature & Frequency
Frequency (Hz)
220 µF @ 50 Vdc (10 X 10.2 mm)
ESR vs. Temperature and Frequency
0.1
1
10
100
1000
10
100
1,000
10,000
100,000
1,000,000
–40
°C
–20
°C
0
°C
25
°C
45
°C
85
°C
65
°C
105
°C
–55
°C
Frequency (Hz)
220µF @ 50 Vdc (10 X 10.2 mm)
0.01
0.1
1
10
100
10
100
1,000
10,000
100,000
1,000,000
–40
°C
0
°C
25
°C
65
°C
85
°C
45
°C
–20
°C
105
°C
–55
°C
Impedance vs. Temperature and Frequency
220 µF @ 50 Vdc (10 X 10.2 mm)
Frequency (Hz)
-30
-25
-20
-15
-10
-5
0
5
10
0
250
500
750
1,000
1,250
1,500
1,750
2,000
10 µF@ 16 Vdc (4 x 5.4 mm)
47 µF@ 16 Vdc ( 6.3 x 5.4 mm)
330 µF @ 16 Vdc (10 x 10.2 mm)
Capacitance Change vs Time
Time (Hours)
See SMT application guide for land pattern, tape and reel specifications, and cleaning information.
Case
Code
Peak
Temperature
(°C)
Max. Time
at or above 200°C
(sec.)
Number
of Reflow
Processes
B, C, D, X
250
60
1
E, F, G
235
60
1
Reflow Soldering Temperature Profile for Part Numbers Ending in –F
120 seconds
Preheat
Maximum
Time @ 200 °C
(see chart)
Time
160 °C
200 °C
Peak
Temp.
(see chart)
5 seconds
maximum


Similar Part No. - AHA107M06D16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA107M06D16T-F CDE-AHA107M06D16T-F Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
More results

Similar Description - AHA107M06D16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AHA CDE-AHA_17 Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com