Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

418P12294J Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 418P12294J
Description  Radial-lead. Round profile.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

418P12294J Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  418P12294J Datasheet HTML 1Page - Cornell Dubilier Electronics 418P12294J Datasheet HTML 2Page - Cornell Dubilier Electronics 418P12294J Datasheet HTML 3Page - Cornell Dubilier Electronics 418P12294J Datasheet HTML 4Page - Cornell Dubilier Electronics 418P12294J Datasheet HTML 5Page - Cornell Dubilier Electronics 418P12294J Datasheet HTML 6Page - Cornell Dubilier Electronics 418P12294J Datasheet HTML 7Page - Cornell Dubilier Electronics 418P12294J Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
General Specifications
The Type 418P Orange Drop
® is designed and manufactured for operation in a wide range of demanding envi-
ronments and applications. Type 418P capacitors are wound from the most reliable polyester film and alum-
inum foil available and are protected by a rugged conformal coating of orange epoxy. They may be operated
up to +125°C with proper derating.
The 418P series finds use in many commercial and industrial applications, from power supplies and audio
amplifiers to welding equipment and ultrasonics.
Operating Temperature Range:
The standard operating temperature range for
polyester film is -55°C to +85°C. The 418P
may be operated at full voltage within this
temperature range.
The 418P may be operated up to +105°C
provided the DC working voltage is reduced
to 70% of the +85°C rating (full rating), and
up to +125°C with a 50% reduction from the
+85°C rating (full rating).
For more specific details regarding operation
above +85°C please contact our design
engineering department.
The maximum operating temperature for the
418P polyester film capacitor is +125°C.
Dielectric Withstanding Voltage:
Units rated below 1000 VDC shall withstand a
DC potential of 250% of rated voltage applied
between terminals for not more than 5 seconds.
Units rated at 1000 VDC shall withstand a DC
potential of 200% of rated voltage applied between
terminals for not more than 5 seconds.
Lead Bend Test:
After 3 consecutive 180° bends. No damage.
Humidity Testing:
Units subjected to 95% relative humidity for 72
hours with no voltage applied at +75°C. After 4
hours of drying minimum product of insulation
resistance and capacitance shall be 5,000 M -µF
DC Voltage Life Test:
500 hours at +85°C at 150% of rated voltage. After
test; capacitance shall not have changed by more
than ±5% of initial value, insulation resistance shall
not have decreased by more than 50% of initial value
and dissipation factor shall not have increased to
more than 1.0%. In addition, there should be no
open or short circuits, and no sign of visible damage.
Typical Temperature Characteristics:
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 418P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 418P12294J

ManufacturerPart #DatasheetDescription
logo
Littelfuse
418 LITTELFUSE-418 Datasheet
50Kb / 2P
   SURFACE MOUNT FUSES
logo
List of Unclassifed Man...
418 ETC-418 Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
logo
Heyco.
4180 HEYCO-4180 Datasheet
112Kb / 1P
   Lockit™ Loops and Clips
4180 HEYCO-4180 Datasheet
112Kb / 1P
   Lockit Loops and Clips
logo
Tyco Electronics
41800 MACOM-41800 Datasheet
39Kb / 1P
   RECEPTACLE, FASTON, FLAG,.250 SERIES
More results

Similar Description - 418P12294J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
338SAK010M ILLINOISCAPACITOR-338SAK010M Datasheet
133Kb / 1P
   Radial Lead Low Profile
478FXM025M ILLINOISCAPACITOR-478FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com