Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

418P47392K Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 418P47392K
Description  Radial-lead. Round profile.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

418P47392K Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  418P47392K Datasheet HTML 1Page - Cornell Dubilier Electronics 418P47392K Datasheet HTML 2Page - Cornell Dubilier Electronics 418P47392K Datasheet HTML 3Page - Cornell Dubilier Electronics 418P47392K Datasheet HTML 4Page - Cornell Dubilier Electronics 418P47392K Datasheet HTML 5Page - Cornell Dubilier Electronics 418P47392K Datasheet HTML 6Page - Cornell Dubilier Electronics 418P47392K Datasheet HTML 7Page - Cornell Dubilier Electronics 418P47392K Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Type 418P Orange Drop
®
Round Profile
Polyester Film/Foil
Capacitors
Features
• Radial-lead. Round profile.
• Non-inductively wound, extended
foil construction.
• Ratings up to 1000 Volts DC.
Dissipation Factor:
0.75% Maximum @ 1 KHz, +25°C
Encapsulation:
Conformal coating of orange, flame
retardant epoxy. Meets UL94V-0
specifications.
Dielectric/Construction:
Polyester film, single section design.
Non-inductivelywoundwithextended
aluminumfoil.
Specifications
Capacitance Range:
Capacitance Tolerance:
±5%, ±10%, ±20%
VoltageRatings:
100 to 1000 Volts DC
OperatingTemperatureRange:
-55°C to +85°C (at full voltage)
VoltageDerating:
At +105°C, 70% of +85°C rating.
At +125°C, 50% of +85°C rating.
LeadWire:
Tinned copper-clad steel,
.032 (0.8) diameter, #20 AWG
Insulation Resistance:
At +25°C:
At +85°C:
At +105°C:
At +125°C:
100,000 M for C
.25 µF
25,000 M -µF for C > .25 µF
10,000 M for C
.15 µF
1,500 M -µF for C > .15 µF
1,500 M for C
.17 µF
250 M -µF for C > .17 µF
200 M
for
C
.13 µF
25 M -µF for C > .13 µF
.001 to 1.0 µF
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 418P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 418P47392K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
418 LITTELFUSE-418 Datasheet
50Kb / 2P
   SURFACE MOUNT FUSES
logo
List of Unclassifed Man...
418 ETC-418 Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
logo
Heyco.
4180 HEYCO-4180 Datasheet
112Kb / 1P
   Lockit™ Loops and Clips
4180 HEYCO-4180 Datasheet
112Kb / 1P
   Lockit Loops and Clips
logo
Tyco Electronics
41800 MACOM-41800 Datasheet
39Kb / 1P
   RECEPTACLE, FASTON, FLAG,.250 SERIES
More results

Similar Description - 418P47392K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SAK250M ILLINOISCAPACITOR-226SAK250M Datasheet
107Kb / 1P
   Radial Lead Low Profile
226SAK400M ILLINOISCAPACITOR-226SAK400M Datasheet
107Kb / 1P
   Radial Lead Low Profile
336STF025M ILLINOISCAPACITOR-336STF025M Datasheet
132Kb / 1P
   Radial Lead Low Profile
336SAK200M ILLINOISCAPACITOR-336SAK200M Datasheet
132Kb / 1P
   Radial Lead Low Profile
337PUM6R3M ILLINOISCAPACITOR-337PUM6R3M Datasheet
132Kb / 1P
   Radial Lead Low Profile
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
228FXM025M ILLINOISCAPACITOR-228FXM025M Datasheet
108Kb / 1P
   Radial Lead Low Profile
338FXM025M ILLINOISCAPACITOR-338FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
338SAK010M ILLINOISCAPACITOR-338SAK010M Datasheet
133Kb / 1P
   Radial Lead Low Profile
478FXM025M ILLINOISCAPACITOR-478FXM025M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com