Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

940C6W2K-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 940C6W2K-F
Description  High dV/dt for Snubber Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

940C6W2K-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  940C6W2K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 940C6W2K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 940C6W2K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 940C6W2K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 940C6W2K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ratings
I
RMS
Catalog
Typical
Typical
70 ºC
Cap.
Part Number
D
L
d
ESR
ESL
dV/dt
I peak
100 kHz
(µF)
mm
mm
mm
(mΩ)
(nH)
V/µs
(A)
(A)
600 Vdc (275 Vac)
.10
940C6P1K-F
9.0
34.0
0.8
28
19
196
20
2.5
.15
940C6P15K-F
10.5
34.0
0.8
13
20
196
29
4.0
.22
940C6P22K-F
11.5
34.0
0.8
12
20
196
43
4.4
.33
940C6P33K-F
13.5
34.0
0.8
9
21
196
65
5.6
.47
940C6P47K-F
15.5
34.0
1.0
7
22
196
92
6.9
.68
940C6P68K-F
18.0
34.0
1.0
6
23
196
134
8.1
1.00
940C6W1K-F
21.0
34.0
1.0
6
24
196
196
8.9
1.50
940C6W1P5K-F
25.0
34.0
1.2
5
26
196
295
10.9
2.00
940C6W2K-F
23.5
46.0
1.2
5
31
128
255
11.8
3.30
940C6W3P3K-F
27.0
54.0
1.2
4
36
105
346
15.3
4.70
940C6W4P7K-F
31.5
54.0
1.2
4
38
105
492
16.8
850 Vdc (450 Vac)
.15
940C8P15K-F
13.0
34.0
0.8
8
21
713
107
5.8
.22
940C8P22K-F
15.5
34.0
1.0
8
22
713
157
6.4
.33
940C8P33K-F
18.0
34.0
1.0
7
23
713
235
7.5
.47
940C8P47K-F
21.0
34.0
1.0
5
24
713
335
9.8
.68
940C8P68K-F
24.5
34.0
1.2
4
26
713
485
12.0
1.00
940C8W1K-F
22.5
46.0
1.2
5
30
400
400
11.5
1.50
940C8W1P5K-F
27.0
46.0
1.2
4
32
400
600
14.3
2.00
940C8W2K-F
30.5
46.0
1.2
3
34
400
800
17.9
2.20
940C8W2P2K-F
32.0
46.0
1.2
3
34
400
880
18.4
2.50
940C8W2P5K-F
34.0
46.0
1.2
3
35
400
1000
19.1
1000 Vdc (500 Vac)
.15
940C10P15K-F
15.0
34.0
1.0
7
22
856
128
6.7
.22
940C10P22K-F
17.5
34.0
1.0
7
23
856
188
7.4
.33
940C10P33K-F
20.5
34.0
1.0
6
24
856
283
8.8
.47
940C10P47K-F
24.0
34.0
1.2
5
26
856
402
10.6
.68
940C10P68K-F
28.0
34.0
1.2
5
27
856
582
11.7
1.00
940C10W1K-F
26.0
46.0
1.2
5
32
480
480
12.5
1.50
940C10W1P5K-F
31.0
46.0
1.2
4
34
480
720
15.6
2.00
940C10W2K-F
35.5
46.0
1.2
3
36
480
960
19.6
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
940
C
6
P
22
K
–F
Capacitance
RoHS
Compliant
Indicator
Termination
Capacitance
Significant
figures in µF
Tolerance
Series
Code
Voltage Code
Decimal Point
Code
940
C =Tinned Copper Wire
6 = 600 Vdc
16 = 1600 Vdc
S = 0.0
K = ±10%
F = Insulated Stranded
8 = 800 Vdc
20 = 2000 Vdc
P = 0.
J = ±5%
Wire
10 = 1000 Vdc
30 = 3000 Vdc
W = No decimal
H = Tinned Lugs
12 = 1200 Vdc
point
Part Numbering System
NOTE: Other ratings, sizes and performance specifications are available. Contact us.
Type 940C, Polypropylene Capacitors, for Pulse, Snubber
High dV/dt for Snubber Applications


Similar Part No. - 940C6W2K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
940C6W2K-F ETC2-940C6W2K-F Datasheet
285Kb / 3P
   High dV/dt, Round Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
940C6W2K-F CDE-940C6W2K-F Datasheet
285Kb / 3P
   Type 940C through 943C Power Film Capacitors
More results

Similar Description - 940C6W2K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
942C CDE-942C Datasheet
285Kb / 6P
   Very High dV/dt for Snubber Applications
SCD CDE-SCD Datasheet
104Kb / 4P
   High dV/dt Direct Mount IGBT Snubber
logo
Surge Components
C24 SURGE-C24 Datasheet
5Mb / 16P
   High dv/dt ability
C28 SURGE-C28 Datasheet
3Mb / 11P
   High dv/dt ability
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com