Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCV141PAG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTCV141PAG
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV141PAG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTCV141PAG Datasheet HTML 1Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 2Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 3Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 4Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 5Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 6Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 7Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 8Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
5
BYTE 4
Bit
Output(s) Affected
Description / Function
0
1
Type
Power On
7
Revision ID
R
0
6
Revision ID
R
0
5
Revision ID
R
0
4
Revision ID
R
0
3
Vendor ID
R
0
2
Vendor ID
R
1
1
Vendor ID
R
0
0
Vendor ID
R
1
BYTE 62 = 10h
BYTE 63 = 14h
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input HIGH Voltage
3.3V ± 5%
2
VDD + 0.3
V
VIL
Input LOW Voltage
3.3V ± 5%
VSS - 0.3
0.8
V
IIH
Input HIGH Current
VIN = VDD
–5
5
µ A
IIL1
Input LOW Current
VIN = 0V, inputs with no pull-up resistors
–5
µ A
IIL2
Input LOW Current
VIN = 0V, inputs with pull-up resistors
–200
µ A
LPIN
Pin Inductance(2)
——
7
nH
CIN
Input Capacitance(2)
Logic inputs
5
pF
COUT
Output pin capacitance
6
ELECTRICAL CHARACTERISTICS - INPUT / SUPPLY / COMMON OUTPUT
PARAMETERS
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = 0°C to +70°C, Supply Voltage: VDD = 3.3V ± 5%


Similar Part No. - IDTCV141PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV140 IDT-IDTCV140 Datasheet
227Kb / 26P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV142PA RENESAS-IDTCV142PA Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV142PAG RENESAS-IDTCV142PAG Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
logo
Integrated Device Techn...
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
More results

Similar Description - IDTCV141PAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
   1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
   1 to 19 Differential Clock Buffer
February 23, 2022
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
CV145 RENESAS-CV145 Datasheet
282Kb / 14P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
JUNE 2006
IDT8T79S828-08I RENESAS-IDT8T79S828-08I Datasheet
794Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
APRIL 22, 2014
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
logo
Integrated Device Techn...
IDT8T79S828I-08 IDT-IDT8T79S828I-08 Datasheet
479Kb / 28P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com