Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCV141PAG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTCV141PAG
Description  1-TO-8 DIFFERENTIAL CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV141PAG Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTCV141PAG Datasheet HTML 1Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 2Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 3Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 4Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 5Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 6Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 7Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 8Page - Integrated Device Technology IDTCV141PAG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV141
1-TO-8DIFFERENTIALCLOCKBUFFER
3
PIN DESCRIPTION
Pin Name
Type
Pin #
Description
SRC_IN, SRC_IN#
IN, DIF
4,5
0.7V differential SRC input
8, 9, 12, 13, 16, 17,
DIF_[7:0], DIF_ [7:0]#
OUT, DIF
20, 21, 29, 30, 33,
0.7Vdifferentialclockoutput
34, 37, 38, 41, 42
OE[7:0]
I N
6, 7, 14, 15,
3.3V LVTTL input for enabling differential outputs (see OE_INV table)
35, 36, 43, 44
PWRDWN
I N
26
3.3V LVTTL for power down (see OE_INV table)
IREF
I N
46
Referencecurrentfordifferentialoutput
LOCK
OUT
45
HIGH, locked
PLL/Bypass#
I N
22
1 = PLL mode, 0 = bypass, PLL OFF
HIGH_BW#
I N
28
0 = HIGH BW, 1 = LOW BW (see HIGH_BW# Selection table)
SRC_DIV2#
I N
1
LOW = divide by 2 mode
SRC_STOP
I N
27
SRC stop (see OE_INV table)
SCL
I N
23
SMBus clock
SDA
I/O, Open Collector
24
SMBus data
OE_INV
I N
40
(see OE_INV table)
INDEX BLOCK WRITE PROTOCOL
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
DCh
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Register offset byte (starting byte)
19
1
Slave
Ack (Acknowledge)
20-27
8
Master
Byte count, N (0 is not valid)
28
1
Slave
Ack (Acknowledge)
29-36
8
Master
first data byte (Offset data byte)
37
1
Slave
Ack (Acknowledge)
38-45
8
Master
2nd data byte
46
1
Slave
Ack (Acknowledge)
:
Master
Nth data byte
Slave
Acknowledge
Master
Stop
INDEX BLOCK READ PROTOCOL
Master can stop reading any time by issuing the stop bit without waiting
until Nth byte (byte count bit30-37).
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
DCh
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Register offset byte (starting byte)
19
1
Slave
Ack (Acknowledge)
20
1
Master
RepeatedStart
21-28
8
Master
DDh
29
1
Slave
Ack (Acknowledge)
30-37
8
Slave
Byte count, N (block read back of N
bytes), power on is 8
38
1
Master
Ack (Acknowledge)
39-46
8
Slave
first data byte (Offset data byte)
47
1
Master
Ack (Acknowledge)
48-55
8
Slave
2nd data byte
Ack (Acknowledge)
:
Master
Ack (Acknowledge)
Slave
Nth data byte
Not acknowledge
Master
Stop
INDEX BYTE WRITE
Setting bit[11:18] = starting address, bit[20:27] = 01h.
INDEX BYTE READ
Setting bit[11:18] = starting address. After reading back the first data byte,
master issues Stop bit.


Similar Part No. - IDTCV141PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV140 IDT-IDTCV140 Datasheet
227Kb / 26P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV142PA RENESAS-IDTCV142PA Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV142PAG RENESAS-IDTCV142PAG Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
logo
Integrated Device Techn...
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
More results

Similar Description - IDTCV141PAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
   1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
   1 to 19 Differential Clock Buffer
February 23, 2022
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
CV145 RENESAS-CV145 Datasheet
282Kb / 14P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
JUNE 2006
IDT8T79S828-08I RENESAS-IDT8T79S828-08I Datasheet
794Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
APRIL 22, 2014
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
logo
Integrated Device Techn...
IDT8T79S828I-08 IDT-IDT8T79S828I-08 Datasheet
479Kb / 28P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com