Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74SSTU32864G Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT74SSTU32864G
Description  1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTU32864G Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT74SSTU32864G Datasheet HTML 4Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 5Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 6Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 7Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 8Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 9Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 10Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 11Page - Integrated Device Technology IDT74SSTU32864G Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT74SSTU32864/A/C/D/G
1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
CL = 30 pF
RL = 1K
Ω
DUT
Out
RL = 100
Ω
CLK Inputs
TL = 50
Ω
TL = 350ps, 50
Ω
Test Point
VDD
0V
VDD/2
LVCMOS
RESET
Input
IDD
VDD/2
tINACT
tACT
10%
90%
CLK
VICR
VID
tPLH
tPHL
Output
VOH
VOL
VICR
VTT
VTT
VOH
VOL
VIH
VIL
tRPHL
VDD/2
VTT
LVCMOS
RESET
Input
Output
VICR
VID
VICR
Input
tW
VREF
VIH
VIL
VREF
Input
VICR
VID
tSU
tH
CLK
CLK
VDD
RL = 1K
Ω
Test Point
Test Point
CLK
CLK
CLK
TEST CIRCUITS AND WAVEFORMS (VDD = 1.8V ± 0.1V)
Voltage Waveforms - Pulse Duration
NOTES:
1. CL includes probe and jig capacitance.
2. IDD tested with clock and data inputs held at VDD or GND, and IO = 0mA
3. All input pulses are supplied by generators having the following characteristics: PRR
≤10MHz, ZO = 50Ω, input slew rate = 1 V/ns ±20% (unless otherwise specified).
4. The outputs are measured one at a time with one transition per measurement.
5. VTT = VREF = VDD/2
6. VIH = VREF + 250mV (AC voltage levels) for differential inputs. VIH = VDD for LVCMOS input.
7. VIL = VREF - 250mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS input.
8. VID = 600mV.
9. tPLH and tPHL are the same as tPDM.
Load Circuit
Voltage Waveforms - Setup and Hold Times
Voltage Waveforms - Propagation Delay Times
Voltage Waveforms - Propagation Delay Times
Voltage and Current Waveforms
Inputs Active and Inactive Times


Similar Part No. - IDT74SSTU32864G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTU32864G RENESAS-IDT74SSTU32864G Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
More results

Similar Description - IDT74SSTU32864G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTU32864 IDT-IDT74SSTU32864 Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
logo
Renesas Technology Corp
IDT74SSTU32864 RENESAS-IDT74SSTU32864 Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Integrated Device Techn...
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com