Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74SSTU32864 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74SSTU32864
Description  1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTU32864 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74SSTU32864_07 Datasheet HTML 1Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 2Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 3Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 4Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 5Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 6Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 7Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 8Page - Integrated Device Technology IDT74SSTU32864_07 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT74SSTU32864/A/C/D/G
1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
PIN CONFIGURATION (TYPE A)
96-PIN LFBGA
1:2 REGISTER (TYPE A, FRONTSIDE)
TOP VIEW
PIN CONFIGURATION (TYPE B)
96-PIN LFBGA
1:2 REGISTER (TYPE B, BACKSIDE)
TOP VIEW
6
5
4
3
2
1
AB
C
DE
F
G
HJ
K
LM
N
P
R
T
Q2B
Q3B
Q5B
Q6B
Q8B
Q9B
ZOH
QCSB
QCSA
QODTB
QCKEB
Q13B
Q14B
VDD
VREF
D2
D3
D5
D6
CLK
RESET
D8
D9
D10
D11
Q2A
Q3A
Q5A
Q6A
Q8A
Q9A
ZOL
QODTA
QCKEA
Q13A
Q14A
NC
CLK
C0
C1
VDD
VREF
DCKE
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
DODT
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
DCS
CSR
Q10B
Q11B
Q10A
Q11A
Q12B
Q12A
NC
D12
D14
D13
6
5
2
1
AB
C
DE
F
G
H
J
K
LM
N
P
R
T
Q13B
Q10B
Q9B
Q8B
QCSB
QCSA
Q6B
Q5B
ZOH
ZOL
QODTB
QCKEB
Q4B
Q3B
Q2B
Q1B
D13
D12
D9
D8
D6
D5
CLK
RESET
D4
D3
D2
D1
Q13A
Q10A
Q9A
Q8A
Q6A
Q5A
QODTA
QCKEA
Q4A
Q3A
Q2A
Q1A
NC
CLK
C0
C1
DCKE
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
DODT
NC
4
3
VDD
VREF
VDD
VREF
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
GND
GND
VDD
VDD
DCS
CSR
Q12B
Q12A
NC
D10


Similar Part No. - IDT74SSTU32864_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTU32864A RENESAS-IDT74SSTU32864A Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Integrated Device Techn...
IDT74SSTU32864ABF IDT-IDT74SSTU32864ABF Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864ABFG IDT-IDT74SSTU32864ABFG Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864BF IDT-IDT74SSTU32864BF Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
IDT74SSTU32864BFG IDT-IDT74SSTU32864BFG Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
More results

Similar Description - IDT74SSTU32864_07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTU32864 IDT-IDT74SSTU32864 Datasheet
139Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
logo
Renesas Technology Corp
IDT74SSTU32864 RENESAS-IDT74SSTU32864 Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Integrated Device Techn...
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com