Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9891NL Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT5T9891NL
Description  EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9891NL Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT5T9891NL Datasheet HTML 7Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 8Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 9Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 10Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 11Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 12Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 13Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 14Page - Integrated Device Technology IDT5T9891NL Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
INDUSTRIALTEMPERATURERANGE
IDT5T9891
EEPROMPROGRAMMABLE2.5VPROGRAMMABLESKEWPLLDIFFERENTIAL
POWER SUPPLY CHARACTERISTICS FOR HSTL OUTPUTS(1)
Symbol
Parameter
Test Conditions(2)
Typ.
Max
Unit
IDDQ
Quiescent VDD Power Supply Current(3)
VDDQN = Max., REF = LOW, PD = HIGH, nSOE = LOW,
112
150
mA
PLL_EN = HIGH, Outputs enabled, All outputs unloaded
IDDQQ
Quiescent VDDQN Power Supply Current(3)
VDDQN = Max., REF = LOW, PD = HIGH, nSOE = LOW,
2
75
µA
PLL_EN = HIGH, Outputs enabled, All outputs unloaded
IDDPD
Power Down Current
VDD = Max., PD = LOW, nSOE = LOW, PLL_EN = HIGH
0.3
3
mA
IDDD
Dynamic VDD Power Supply
VDD = Max., VDDQN = Max., CL = 0pF
22
30
µA/MHz
CurrentperOutput
IDDDQ
Dynamic VDDQN Power Supply
VDD = Max., VDDQN = Max., CL = 0pF
19
30
µA/MHz
CurrentperOutput
ITOT
Total Power VDD Supply Current(4,5)
VDDQN = 1.5V, FVCO = 100MHz, CL = 15pF
280
400
mA
VDDQN = 1.5V, FVCO = 250MHz, CL = 15pF
320
450
ITOTQ
Total Power VDDQN Supply Current(4,5)
VDDQN = 1.5V, FVCO = 100MHz, CL = 15pF
130
200
mA
VDDQN = 1.5V, FVCO = 250MHz, CL = 15pF
220
330
NOTES:
1. These power consumption characteristics are for all the valid input interfaces and cover the worst case input and output interface combinations.
2. The termination resistors are excluded from these measurements.
3. If the differential input interface is used, the true input is held LOW and the complementary input is held HIGH.
4. Bit 60 = 1.
5. All outputs are at the same interface level.


Similar Part No. - IDT5T9891NL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5T9891 RENESAS-IDT5T9891 Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
More results

Similar Description - IDT5T9891NL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5T9891 RENESAS-IDT5T9891 Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
logo
Integrated Device Techn...
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Pericom Semiconductor C...
PI6C3Q991 PERICOM-PI6C3Q991 Datasheet
544Kb / 10P
   3.3V Programmable Skew PLL Clock Driver
logo
Integrated Device Techn...
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com