Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844201BKI-45LF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 844201BKI-45LF
Description  FemtoClock Crystal-to-LVDS Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

844201BKI-45LF Datasheet(HTML) 3 Page - Integrated Device Technology

  844201BKI-45LF Datasheet HTML 1Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 2Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 3Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 4Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 5Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 6Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 7Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 8Page - Integrated Device Technology 844201BKI-45LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ICS844201I-45 Data Sheet
FEMTOCLOCK® CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844201BKI-45 MAY 27, 2017
3
©2017 Integrated Device Technology, Inc.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VDD = 3.3V ± 10%, TA = -40°C to 85°C
Table 3B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 10%, TA = -40°C to 85°C
Table 3C. LVDS DC Characteristics, VDD = 3.3V ± 10%, TA = -40°C to 85°C
Table 4. Crystal Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Power Supply Voltage
2.97
3.3
3.63
V
IDD
Power Supply Current
95
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
VDD = VIN = 3.63V
5
µA
IIL
Input Low Current
VDD = 3.63V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
247
454
mV
V
OD
VOD Magnitude Change
50
mV
VDIFF_OUT
Peak-to-Peak Differential
Output Voltage
494
908
mV
VOS
Offset Voltage
1.3
1.63
V
V
OS
VOS Magnitude Change
50
mV
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
24.5
25
34
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF


Similar Part No. - 844201BKI-45LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844201BKI-45LF RENESAS-844201BKI-45LF Datasheet
587Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
844201BKI-45LFT RENESAS-844201BKI-45LFT Datasheet
587Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results

Similar Description - 844201BKI-45LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844201 IDT-844201 Datasheet
541Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844251-14 IDT-ICS844251-14 Datasheet
805Kb / 16P
   FEMTOCLOCK??CRYSTAL-TO-LVDS CLOCK GENERATOR
844021I-01 IDT-844021I-01 Datasheet
246Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
844008I-46 IDT-844008I-46 Datasheet
295Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
844021-01 IDT-844021-01 Datasheet
247Kb / 14P
   FemtoClock Crystal-to-LVDS Clock Generator
ICS844201-45 IDT-ICS844201-45 Datasheet
409Kb / 16P
   FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
   FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com