Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853S004AKILFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 853S004AKILFT
Description  Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S004AKILFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 853S004AKILFT Datasheet HTML 2Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 3Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 4Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 5Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 6Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 7Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 8Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 9Page - Integrated Device Technology 853S004AKILFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ICS853S004AKI May 27, 2017
6
©2017 Integrated Device Technology, Inc.
ICS853S004I Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = -3.8V to -2.375V or , VCC = 2.375V to 3.8V; VEE = 0V, TA = -40°C to 85°C
NOTE: All parameters are measured at f
 1GHz, unless otherwise noted.
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
-40°C
25°C
80°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fOUT
Output Frequency
2
2
2
GHz
tPD
Propagation Delay; NOTE 1
250
350
450
300
400
500
300
400
500
ps
tjit
Buffer Additive Phase Jitter,
RMS; refer to Additive Phase
Jitter Section (ƒ =
156.25MHz,12kHz - 20MHz)
0.06
0.10
0.07
0.10
0.07
0.10
ps
tsk(o)
Output Skew; NOTE 2, 4
10
25
10
25
10
25
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
100
100
100
ps
tR / tF
Output
Rise/Fall Time
20% to 80%
100
165
225
100
165
225
100
165
225
ps
tS
Clock Enable Setup Time
100
50
100
50
100
50
ps
tH
Clock Enable Hold Time
200
140
200
140
200
140
ps


Similar Part No. - 853S004AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
853S004AKILFT IDT-853S004AKILFT Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
More results

Similar Description - 853S004AKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
853S004I IDT-853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
   Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
logo
Integrated Circuit Syst...
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
   Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
   LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com