Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HERF1605CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HERF1605CT
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HERF1605CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HERF1605CT Datasheet HTML 1Page - HY ELECTRONIC CORP. HERF1605CT Datasheet HTML 2Page - HY ELECTRONIC CORP. HERF1605CT Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low power lose;high efficiency
Low forward voltage drop
Low thermal resistance
High current capability
High speed switching
High reliability
MECHANICAL DATA
Case: ITO-220AB molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Mounting position :Any
Weight: 2.24 grams
polarity:As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HERF
HERF
HERF
HERF
HERF
HERF
HERF
HERF
1601CT 1602CT 1603CT 1604CT 1605CT 1606CT 1607CT 1608CT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Typical Thermal Resistance
RθJA
/W
Typical Junction Capacitance (Note2)
CJ
pF
Peak Forward Voltage at 8.0A DC
VF
1.7
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note1)
TRR
nS
Operating and Storage Temperature Range
TJ,TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 8, 13-Mar-2017
HERF1601CT thru HERF1608CT
HIGH EFFICIENCY GLASS PASSIVATED
RECTIFIERS
IO
16.0
UNIT
CHARACTERISTICS
SYMBOL
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT
- 16.0
Amperes
Dimensions in inches and (millimeters)
2.5
40
1.0
1.3
1.75
IFSM
A
A
125
IR
μA
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
10
-55 to + 150
150
60
75
ITO-220AB
MAX
.511(13.0)
.551(14.0)
.020(0.50)
.028(0.70)
.095(2.41)
.105(2.67)
.020(0.50)
.031(0.80)
.118(3.0)
.583(14.8)
.622(15.8)
.102(2.6)
.386(9.8)
.406(10.3)
.118(3.0)
.102(2.6)
.189(4.8)
.173(4.4)
.114(2.9)
.098(2.5)
.059(1.5)
.043(1.1)
.071
(1.8)
.138(3.5)
.122(3.1)
.118(3.0)
.157(4.0)


Similar Part No. - HERF1605CT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HERF1605CT GWSEMI-HERF1605CT Datasheet
74Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HERF1605CT HY-HERF1605CT Datasheet
427Kb / 3P
   High Efficiency Glass Passivated Rectifiers
More results

Similar Description - HERF1605CT

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF801 HY-HERF801_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF1601 HY-HERF1601_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
   High Efficiency Glass Passivated Rectifiers
HER1601 HY-HER1601 Datasheet
94Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER30XG HY-HER30XG Datasheet
426Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G_15 Datasheet
219Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com