Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HERF1601 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HERF1601
Description  HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HERF1601 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HERF1601 Datasheet HTML 1Page - HY ELECTRONIC CORP. HERF1601 Datasheet HTML 2Page - HY ELECTRONIC CORP. HERF1601 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
HERF1601 thru HERF1608
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 8, 13-Mar-2017
AMBIENT TEMPERATURE ℃
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
20
150
16
8
4
0
12
100
50
0
REVERSE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
4
1
2
10
20
40
0.1
0.4
0.2
100
2
10
4
1
40
200
20
100
TJ=25°C
0.1
0.2
1.0
10
40
1.0
1.2
1.4
1.6
1.8
2.0
0.8
0.6
20
4
2
0.4
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.4-TYPICAL INSTANTAEOUS
FORWARD CHARACTERISTICS
HERF1601
-HERF1603
HERF1604 - HERF1605
HERF1606 - HERF1608
TJ=25°C
PULSE WIDTH 300uS
1% DUTY CYCLE
PERCENT OF RATED PEAK
REVERSE VOLTAGE(%)
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
0.1
40
60
80
100 120 140
20
1000
100
TJ=25°C
TJ=100°C
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
300
150
50
100
0
100
50
20
5
2
110
200
250
8.3 ms Single Half-Sine-Wave
(JEDEC METOD)


Similar Part No. - HERF1601

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
HERF1601 MIC-HERF1601 Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
HY ELECTRONIC CORP.
HERF1601 HY-HERF1601 Datasheet
425Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
MIC GROUP RECTIFIERS
HERF1601C MIC-HERF1601C Datasheet
60Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Goodwork Semiconductor ...
HERF1601CT GWSEMI-HERF1601CT Datasheet
74Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HERF1601CT HY-HERF1601CT Datasheet
427Kb / 3P
   High Efficiency Glass Passivated Rectifiers
More results

Similar Description - HERF1601

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF801 HY-HERF801_17 Datasheet
140Kb / 3P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
   High Efficiency Glass Passivated Rectifiers
HER1601 HY-HER1601 Datasheet
94Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER30XG HY-HER30XG Datasheet
426Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G_15 Datasheet
219Kb / 2P
   Glass Passivated High Efficiency Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com