Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX157BCPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX157BCPA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX157BCPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX157BCPA Datasheet HTML 7Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 8Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 9Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 10Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 11Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 12Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 13Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 14Page - Maxim Integrated Products MAX157BCPA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
etc. Therefore, SNR is computed by taking the ratio of
the RMS signal to the RMS noise (which includes all
spectral components minus the fundamental), the first
five harmonics, and the DC offset.
Signal-to-Noise Plus Distortion (SINAD)
Signal-to-noise plus distortion is the ratio of the funda-
mental input frequency’s RMS amplitude to RMS equiv-
alent of all other ADC output signals:
Effective Number of Bits (ENOB)
ENOB indicates the global accuracy of an ADC at a
specific input frequency and sampling rate. An ideal
ADC’s error consists of quantization noise only. With an
input range equal to the full-scale range of the ADC,
calculate the effective number of bits as follows:
ENOB = (SINAD - 1.76) / 6.02
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first five harmon-
ics of the input signal to the fundamental itself. This is
expressed as:
where V1 is the fundamental amplitude and V2 through
V5 are the amplitudes of the 2nd through 5th-order har-
monics.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of RMS amplitude of the fundamental
(maximum signal component) to the RMS value of the
next largest spurious component, excluding DC offset.
Connection to Standard Interfaces
The MAX157/MAX159 interface is fully compatible with
SPI/QSPI and MICROWIRE standard serial interfaces.
If a serial interface is available, establish the CPU’s seri-
al interface as master so that the CPU generates the
serial clock for the MAX157/MAX159. Select a clock fre-
quency from 100kHz to 2.17MHz (external clock mode).
1) Use a general-purpose I/O line on the CPU to pull
CS/SHDN low while SCLK is low.
2) Wait for the minimum wake-up time (tWAKE) speci-
fied before activating SCLK.
3) Activate SCLK for a minimum of 16 clock cycles. The
first falling clock edge will generate a serial data-
stream of three leading ones, followed by the chan-
nel identification, the MSB of the digitized input
signal, and two sub-bits. DOUT transitions on
SCLK’s falling edge and is available in MSB-first for-
mat. Observe the SCLK to DOUT valid timing char-
acteristic. Data should be clocked into the µP on
SCLK’s rising edge.
4) Pull CS/SHDN high at or after the 16th falling clock
edge. If CS/SHDN remains low, trailing zeros will be
clocked out after the sub-bits.
5) With CS/SHDN high, wait at least 60ns (tCS), before
starting a new conversion by pulling CS/SHDN low.
A conversion can be aborted by pulling CS/SHDN
high before the conversion ends; wait at least 60ns
before starting a new conversion.
Data can be output either in two 8-bit sequences or
continuously. The bytes will contain the result of the
conversion padded with three leading ones, the chan-
nel identification before the MSB, and two trailing sub-
bits. If the serial clock hasn’t been idled after the last
sub-bit (S0) and CS/SHDN is kept low, DOUT sends
trailing zeros.
SPI and MICROWIRE Interface
When using SPI (Figure 8a) or MICROWIRE (Figure 8b)
interfaces, set CPOL = 0 and CPHA = 0. Conversion
begins with a falling edge on CS/SHDN (Figure 8c). Two
consecutive 8-bit readings are necessary to obtain the
entire 10-bit result from the ADC. DOUT data transitions
on the serial clock’s falling edge and is clocked into the
µP on SCLK’s rising edge. The first 8-bit data stream
contains three leading ones, followed by channel identi-
fication and the first four data bits starting with the MSB.
The second 8-bit data stream contains the remaining
bits, D5 through D0, and the sub-bits S1 and S0.
THD = 20
log
V
+ V
+ V
+ V
V
22
32
42
52
12
()
SINAD(dB) = 20
log
Signal
(Noise + Distortion)
RMS
RMS


+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
______________________________________________________________________________________
11
Table 1. Serial Output Data Stream for Internal and External Clock Mode
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
CHID
1
1
EOC
DOUT (Internal Clock)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SCLK CYCLE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
CHID
1
1
1
DOUT (External Clock)
S0
S1
S0
S1
16
15


Similar Part No. - MAX157BCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX157BCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com