Electronic Components Datasheet Search |
|
FR202 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
FR202 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ● Fast switching for high efficiency ● Low cost ● Diffused junction ● Low reverse leakage current ● Low forward voltage drop ● High current capability ● The plastic material carries UL recognition 94V-0 MECHANICAL DATA ●Case: JEDEC DO-15 molded plastic ●Polarity: Color band denotes cathode ●Weight: 0.015 ounces , 0.4 grams ●Mounting position: Any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL FR201 FR202 FR203 FR204 FR205 FR206 FR207 UNIT Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current @TA=50 ℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 2.0A DC VF V Maximum DC Reverse Current @TJ=25℃ at Rated DC Blocking Voltage @TJ=100℃ Maximum Reverse Recovery Time(Note 1) Trr 250 nS Typical Junction Capacitance (Note2) CJ pF Typical Thermal Resistance (Note3) RθJA ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 4.The typical data above is for reference only(典型值仅供参考). Rev. 7, 13-Mar-2017 150 500 30 20 25 -55 to +150 -55 to +150 NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A 2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient. IR 5.0 μA 100 IFSM 60 A 1.3 I(AV) 2.0 A FR201 thru FR207 FAST RECOVERY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 2.0 Amperes DO-15 DIA. .034(0.9) .028(0.7) .300(7.6) .230(5.8) 1.0(25.4) MIN. DIA. .140(3.6) .104(2.6) 1.0(25.4) MIN. |
Similar Part No. - FR202 |
|
Similar Description - FR202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |