Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1DL Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # ES1DL
Description  SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES1DL Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  ES1DL Datasheet HTML 1Page - HY ELECTRONIC CORP. ES1DL Datasheet HTML 2Page - HY ELECTRONIC CORP. ES1DL Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low profile space
Ideal for automated placement
Glass passivated chip junctions
Low forward voltage drop
Low leakage current
●High forward surge capability
●High temperature soldering:
260℃/10 seconds at terminals
●Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
MECHANICAL DATA
●Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
●Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●Polarity: Laser band denotes cathode end
●Weight: 0.017gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SYMBOL
ES1AL
ES1BL
ES1CL
ES1DL
ES1FL
ES1GL
MARKING
E1AL
E1BL
E1CL
E1DL
E1FL
E1GL
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A DC
VF
Maximum DC Reverse Current
@TA=25℃
at Rated DC Blocking Voltage
@TA=100℃
Maximum Reverse recovery time
@IF=0.5A,IR=1.0A,Irr=0.25A
trr
Typical Thermal Resistance
RθJA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
2.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
ES1AL thru ES1GL
SURFACE MOUNT
SUPER FAST GLASS PASSIVATED
RECTIFIERS
REVERSE VOLTAGE - 50 to 400Volts
FORWARD CURRENT - 1.0 Ampere
CHARACTERISTICS
UNIT
V
V
V
I(AV)
1.0
A
IFSM
25
A
0.95
1.25
V
IR
5.0
μA
150
35
nS
150
/W
Note1: Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35 μm thick)
-55 to +150
-55 to +150
SOD-123FL
.002(0.05)
.010(0.25)
.138(3.5)
.154(3.9)
.047(1.2)
.031(0.8)
.043(1.1)
.020(0.5)
.004(0.1)max
.024(0.6)
.039(1.0)
.098(2.5)
.114(2.9)


Similar Part No. - ES1DL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
307Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1DL DACHANG-ES1DL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
380Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

Similar Description - ES1DL

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMBF208 LRC-EFMBF208_15 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMA280 LRC-EFMA280_15 Datasheet
220Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFM108 LRC-EFM108_15 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
RS2MBF LRC-RS2MBF_15 Datasheet
253Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF280 LRC-EFMAF280_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFM106 LRC-EFM106_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
SFM101 PACELEADER-SFM101 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com