Electronic Components Datasheet Search |
|
8A05 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
8A05 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ● Low cost ● Diffused junction ● Low forward voltage drop ● Low reverse leakage current ● High current capability ● The plastic material carries UL recognition 94V-0 MECHANICAL DATA ●Case: JEDEC R-6 molded plastic ●Polarity: Color band denotes cathode ●Weight: 0.07 ounces , 2.1 grams ●Mounting position: Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%. CHARACTERISTICS SYMBOL 8A05 8A1 8A2 8A4 8A6 8A8 8A10 UNIT Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current @TA =60℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Maximum Forward Voltage at 8A DC VF V Maximum DC Reverse Current @TJ=25℃ at Rated DC Blocking Voltage @TJ=100℃ Typical Junction Capacitance (Note1) CJ pF Typical Thermal Resistance (Note2) RθJC ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 3.The typical data above is for reference only(典型值仅供参考). Rev. 7, 13-Mar-2017 NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction to case. 100 8.0 -55 to +150 -55 to +150 IR 10 μA 100 IFSM 350 A 1.0 Dimensions in inches and (millimeters) I(AV) 8.0 A 8A05 thru 8A10 PLASTIC SILICON RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 8.0 Amperes R - 6 DIA DIA 2100 .360(9.1) .340(8.6) .052(1.3) .048(1.2) .360(9.1) .340(8.6) 1.0(25.4) MIN 1.0(25.4) MIN |
Similar Part No. - 8A05 |
|
Similar Description - 8A05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |