Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5580 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5580
Description  Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5580 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5580 Datasheet HTML 1Page - Maxim Integrated Products MAX5580 Datasheet HTML 2Page - Maxim Integrated Products MAX5580 Datasheet HTML 3Page - Maxim Integrated Products MAX5580 Datasheet HTML 4Page - Maxim Integrated Products MAX5580 Datasheet HTML 5Page - Maxim Integrated Products MAX5580 Datasheet HTML 6Page - Maxim Integrated Products MAX5580 Datasheet HTML 7Page - Maxim Integrated Products MAX5580 Datasheet HTML 8Page - Maxim Integrated Products MAX5580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Buffered, Fast-Settling, Quad,
12-/10-/8-Bit, Voltage-Output DACs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 2.7V to 5.25V, DVDD = 1.8V to AVDD, AGND = 0, DGND = 0, VREF = 2.5V (for AVDD = 2.7V to 5.25V), VREF = 4.096V (for
AVDD = 4.5V to 5.25V), RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PU INPUT
Input High Voltage
VIH-PU
DVDD -
200mV
V
Input Low Voltage
VIL-PU
200
mV
Input Leakage Current
IIN-PU
PU still considered floating when connected to a
tri-state bus
±200
nA
DYNAMIC PERFORMANCE
FAST mode
3.6
Voltage-Output Slew
Rate
SR
SLOW mode
1.6
V/µs
MAX5580/MAX5581 from code 322 to
code 4095 to 0.5 LSB
23
MAX5582/MAX5583 from code 10 to
code 1023 to 0.5 LSB
1.5
3
FAST
mode
MAX5584/MAX5585 from code 3 to
code 255 to 0.5 LSB
12
MAX5580/MAX5581 from code 322 to
code 4095 to 0.5 LSB
36
MAX5582/MAX5583 from code 10 to
code 1023 0.5 LSB
2.5
6
Voltage-Output Settling
Time (Note 4), Figure 5
tS
SLOW
mode
MAX5584/MAX5585 from code 3 to
code 255 to 0.5 LSB
24
µs
FB_ Input Voltage
0
VREF / 2
V
FB_ Input Current
0.1
µA
Unity gain
200
Reference -3dB
Bandwidth (Note 5)
Force sense
150
kHz
Digital Feedthrough
CS = DVDD, code = zero scale, any digital input
from 0 to DVDD and DVDD to 0, f = 100kHz
0.1
nV-s
Digital-to-Analog Glitch
Impulse
Major carry transition
2
nV-s
DAC-to-DAC Crosstalk
(Note 6)
15
nV-s


Similar Part No. - MAX5580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580 Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX5580 MAXIM-MAX5580 Datasheet
263Kb / 15P
   Fully Assembled and Tested
Rev 0; 6/05
MAX5580AETP MAXIM-MAX5580AETP Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580AEUP MAXIM-MAX5580AEUP Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580BETP MAXIM-MAX5580BETP Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
More results

Similar Description - MAX5580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com