Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1777 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1777
Description  High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1777 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1777 Datasheet HTML 2Page - Maxim Integrated Products MAX1777 Datasheet HTML 3Page - Maxim Integrated Products MAX1777 Datasheet HTML 4Page - Maxim Integrated Products MAX1777 Datasheet HTML 5Page - Maxim Integrated Products MAX1777 Datasheet HTML 6Page - Maxim Integrated Products MAX1777 Datasheet HTML 7Page - Maxim Integrated Products MAX1777 Datasheet HTML 8Page - Maxim Integrated Products MAX1777 Datasheet HTML 9Page - Maxim Integrated Products MAX1777 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1 and Figure 2, no load on LDO5, LDO3, OUT3, OUT5, and REF, V+ = 12.0.V, ON3 = ON5 = VCC, V SHDN = 5V,
TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO5 Bootstrap Switch Threshold
Falling edge of OUT5, rising edge at OUT5 regulation
point
4.43
4.69
V
LDO5 Bootstrap
Switch Resistance
LDO5 to OUT5, VOUT5 = 5V
3.2
LDO3 Output Voltage
ON3 = ON5 = GND, 6V < V+ < 24V, 0 < ILDO3 < 100mA
3.27
3.43
V
LDO3 Bootstrap Switch Threshold
Falling edge of OUT3, rising edge at OUT3 regulation
point
2.80
3.02
V
LDO3 Bootstrap
Switch Resistance
LDO3 to OUT3, VOUT3 = 3.2V
3.5
REF Output Voltage
No external load
1.975
2.025
V
REF Load Regulation
0 < ILOAD < 50µA
10
mV
REF Sink Current
REF in regulation
10
µA
V+ Operating Supply Current
LDO5 switched over to OUT5, 5V SMPS
50
µA
V+ Standby Supply Current
V+ = 6V to 24V, both SMPSs off, includes ISHDN
300
µA
V+ Shutdown Supply Current
V+ = 4.5V to 24V
15
µA
Quiescent Power Consumption
Both SMPSs on, FB3 = FB5 = SKIP = GND, VOUT3 =
3.5V, VOUT5 = 5.3V
4.5
mW
FAULT DETECTION
Overvoltage Trip Threshold
FB3 or FB5 with respect to nominal regulation point
+8
+14
%
PGOOD Threshold
FB3 or FB5 with respect to nominal output, falling edge,
typical hysteresis = 1%
-12
-7
%
PGOOD Output Low Voltage
ISINK = 4mA
0.3
V
PGOOD Leakage Current
High state, forced to 5.5V
1
µA
Output Undervoltage
Shutdown Threshold
FB3 or FB5 with respect to nominal output voltage
65
75
%
Output Undervoltage
Shutdown Blanking Time
From ON_ signal
10
40
ms
INPUTS AND OUTPUTS
Feedback Input Leakage Current
VFB3 = VFB5 = 2.2V
-200
+200
nA
Low level
0.6
PRO Input Voltage
High level
1.5
V
Low level
0.8
Float level
1.7
2.3
SKIP Input Voltage
High level
2.4
V
Low level
0.8
TON Input Voltage
High level
2.4
V


Similar Part No. - MAX1777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
MAX17702 MAXIM-MAX17702 Datasheet
1Mb / 35P
   4.5V to 60V, Synchronous Step-Down LeadAcid Battery Charger Controller
Rev 0; 4/21
MAX17702EVKITA MAXIM-MAX17702EVKITA Datasheet
1Mb / 15P
   MAX17702 in 13.8V Lead-Acid Battery Charger Application
Rev 0; 4/21
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
   MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
More results

Similar Description - MAX1777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com