Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37271MF-XXXSP Datasheet(PDF) 74 Page - Mitsubishi Electric Semiconductor

Part # M37271MF-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37271MF-XXXSP Datasheet(HTML) 74 Page - Mitsubishi Electric Semiconductor

Back Button M37271MF-XXXSP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M37271MF-XXXSP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
74
(15) OSD Output Pin Control
The OSD output pins R, G, B, and OUT1 can also function as ports
P52, P53, P54 and P55. Set the corresponding bit of the OSD port
control register (address 00CB16) to “0” to specify these pins as OSD
output pins, or set it to “1” to specify it as a general-purpose port P5
pins. The OUT2, I1, and I2 can also function as port P10, P15, P16.
Set the corresponding bit of the port P1 direction register (address
00C316) to “1” (output mode). After that, switch between the OSD
output function and the port function by the OSD port control regis-
ter. Set the corresponding bit to “1” to specify the pin as OSD output
pin, or set it to “0” to specify as port P1 pin.
The input polarity of the HSYNC, VSYNC and output polarity of signals
R, G, B, I1, I2, OUT1 and OUT2 can be specified with the I/O polarity
control register (address 021716) . Set a bit to “0” to specify positive
polarity; set it to “1” to specify negative polarity (refer to Figure 64).
The structure of the OSD port control register is shown in Figure 83.
Fig. 83. Structure of OSD port control register
70
0
OSD port control register
(PF : address 00CB16)
Port P15 output signal selection bit
0 : Port P15 output
1 : I1 signal output
Port P16 output signal selection bit
0 : Port P16 output
1 : I2 signal output
Port P52 output signal selection bit
0 : R signal output
1 : Port P52 output
Port P53 output signal selection bit
0 : G signal output
1 : Port P53 output
Port P54 output signal selection bit
0 : B signal output
1 : Port P54 output
Port P55 output signal selection bit
0 : OUT1 signal output
1 : Port P55 output
Port P10 output signal selection bit
0 : Port P10 output
1 : OUT2 signal output
Fix this bit to “0.”


Similar Part No. - M37271MF-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37271MF-XXXSP RENESAS-M37271MF-XXXSP Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37271MF-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com