Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3882ET-1.5 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3882ET-1.5
Description  1.5A Fast-Response Ultra Low Dropout Linear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3882ET-1.5 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3882ET-1.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 9Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 10Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 11Page - National Semiconductor (TI) LP3882ET-1.5 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
TO220 5-lead, Molded, Stagger Bend Package (TO220-5)
NS Package Number T05D
www.national.com
11


Similar Part No. - LP3882ET-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3882EMR-1.2/NOPB TI1-LP3882EMR-1.2/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-1.5/NOPB TI1-LP3882EMR-1.5/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-1.8/NOPB TI1-LP3882EMR-1.8/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMRX-1.2/NOPB TI1-LP3882EMRX-1.2/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3882ET-1.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
   1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
[Old version datasheet]   1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
[Old version datasheet]   1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
   1.5A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3892EMRX-12 TI1-LP3892EMRX-12 Datasheet
1Mb / 18P
[Old version datasheet]   LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
[Old version datasheet]   LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3891 NSC-LP3891 Datasheet
307Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear
logo
Texas Instruments
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com