Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1800 Datasheet(PDF) 2 Page - Linear Technology

Part No. LT1800
Description  80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1800 Datasheet(HTML) 2 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1800
1800f
ORDER PART
NUMBER
S8 PART MARKING
LT1800CS8
LT1800IS8
1800
1800I
TJMAX = 150°C, θJA = 190°C/ W
Total Supply Voltage (VS– to VS+) ......................... 12.6V
Input Current (Note 2) ........................................
±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
NC
VS
+
VOUT
NC
NC
–IN
+IN
VS
S8 PACKAGE
8-LEAD PLASTIC SO
ORDER PART
NUMBER
S5 PART MARKING
LT1800CS5
LT1800IS5
LTRN
LTRP
VOUT 1
VS
2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
+IN 3
5 VS
+
4 –IN
TJMAX = 150°C, θJA = 250°C/ W
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
75
350
µV
VCM = 0V (SOT-23)
300
750
µV
VCM = VS
0.5
3
mV
VCM = VS (SOT-23)
0.7
3.5
mV
∆VOS
Input Offset Shift
VCM = 0V to VS – 1.5V
20
180
µV
IB
Input Bias Current
VCM = 1V
25
250
nA
VCM = VS
500
1500
nA
IOS
Input Offset Current
VCM = 1V
25
200
nA
VCM = VS
25
200
nA
Input Noise Voltage
0.1Hz to 10Hz
1.4
µVP-P
en
Input Noise Voltage Density
f = 10kHz
8.5
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k at VS/2
35
85
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω at VS/2
3.5
8
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k at VS/2
30
85
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3.5V
85
105
dB
VS = 3V, VCM = 0V to 1.5V
78
97
dB
Input Common Mode Range
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
80
97
dB
Minimum Supply Voltage (Note 6)
2.3
2.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn