Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1800 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1800
Description  80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1800 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1800 Datasheet HTML 7Page - Linear Technology LT1800 Datasheet HTML 8Page - Linear Technology LT1800 Datasheet HTML 9Page - Linear Technology LT1800 Datasheet HTML 10Page - Linear Technology LT1800 Datasheet HTML 11Page - Linear Technology LT1800 Datasheet HTML 12Page - Linear Technology LT1800 Datasheet HTML 13Page - Linear Technology LT1800 Datasheet HTML 14Page - Linear Technology LT1800 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1800
1800f
TYPICAL PERFOR A CE CHARACTERISTICS
APPLICATIO S I FOR ATIO
±5V Small-Signal Response
50mV/DIV
VS = ±5V
50ns/DIV
1800 G36
AV = 1
RL = 1k
0V
Output Overdriven Recovery
VIN
1V/DIV
VS = 5V, 0V
100ns/DIV
1800 G37
AV = 2
RL = 1k
0V
0V
VOUT
2V/DIV
Circuit Description
The LT1800 has an input and output signal range that
covers from the negative power supply to the positive
power supply. Figure 1 depicts a simplified schematic of
the amplifier. The input stage is comprised of two differ-
ential amplifiers, a PNP stage Q1/Q2 and an NPN stage Q3/
Q4 that are active over the different ranges of common
mode input voltage. The PNP differential pair is active
between the negative supply to approximately 1.2V below
Q4
Q18
Q17
Q16
Q6
Q3
Q7
Q10
Q1
Q13
Q15
OUT
Q2
Q11
Q12
Q9
Q5
VBIAS
I1
D2
D1
D5
D4
D3
D6
D7
D8
ESDD2
ESDD1
+IN
–IN
V
ESDD3
ESDD4
V+
V+
V
Q8
R2
R1
R3
R4
R5
Q14
1800 F01
+
I2
+
I3
C2
CC
V
+
C1
BUFFER
AND
OUTPUT BIAS
V+
V
Q19
Figure 1. LT1800 Simplified Schematic Diagram
the positive supply. As the input voltage moves closer
toward the positive supply, the transistor Q5 will steer the
tail current I1 to the current mirror Q6/Q7, activating the
NPN differential pair and the PNP pair becomes inactive
for the rest of the input common mode range up to the
positive supply. Also at the input stage, devices Q17 to
Q19 act to cancel the bias current of the PNP input pair.
When Q1-Q2 are active, the current in Q16 is controlled to
be the same as the current in Q1-Q2, thus the base current
±5V Large-Signal Response
2V/DIV
VS = ±5V
200ns/DIV
1800 G35
AV = 1
RL = 1k
0V


Similar Part No. - LT1800

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
More results

Similar Description - LT1800

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
   80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1806 LINER-LT1806 Datasheet
136Kb / 8P
   325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com