Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1800 Datasheet(PDF) 1 Page - Linear Technology

Part No. LT1800
Description  80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1800 Datasheet(HTML) 1 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1800
1800f
80MHz, 25V/
µs Low Power
Rail-to-Rail Input and Output
Precision Op Amp
The LT
®1800 is a low power, high speed rail-to-rail input
and output operational amplifier with excellent DC perfor-
mance. The LT1800 features reduced supply current, lower
input offset voltage, lower input bias current and higher
DC gain than other devices with comparable bandwidth.
The LT1800 has an input range that includes both supply
rails and an output that swings within 20mV of either sup-
ply rail to maximize the signal dynamic range in low supply
applications.
The LT1800 maintains its performance for supplies from
2.3V to 12.6V and is specified at 3V, 5V and
±5V supplies.
The inputs can be driven beyond the supplies without
damage or phase reversal of the output.
The LT1800 is available in the 8-pin SO package with the
standard op amp pinout and in the 5-pin SOT-23 package.
For dual and quad versions of the LT1800, see the LT1801/
LT1802 data sheet. The LT1800 can be used as a plug-in
replacement for many op amps to improve input/output
range and performance.
s
Gain Bandwidth Product: 80MHz
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Low Quiescent Current: 2mA Max
s
Input Offset Voltage: 350
µV Max
s
Input Bias Current: 250nA Max
s
Low Voltage Noise: 8.5nV/
√Hz
s
Slew Rate: 25V/
µs
s
Common Mode Rejection: 105dB
s
Power Supply Rejection: 97dB
s
Open-Loop Gain: 85V/mV
s
Available in the 8-Pin SO and 5-Pin Low Profile
(1mm) ThinSOT
TM Packages
s
Operating Temperature Range: – 40
°C to 85°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Low Voltage, High Frequency Signal Processing
s
Driving A/D Converters
s
Rail-to-Rail Buffer Amplifiers
s
Active Filters
s
Video Line Driver
LT1800
VIN
DO NOT FLOAT
IR LASER
INFINEON
SFH495
Q1
ZETEX
FMMT619
5V
R2
330
R1
1
1800 TA01
C1
39pF
R3
10
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
Single Supply 1A Laser Driver Amplifier
Laser Driver Amplifier
500mA Pulse Response
100mA/DIV
50ns/DIV
1800 TA02
ThinSOT is a trademark of Linear Technology Corporation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn