Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2377UTMX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2377UTMX
Description  PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2377UTMX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2377UTMX Datasheet HTML 3Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 4Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 5Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 6Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 7Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 8Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 9Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 10Page - National Semiconductor (TI) LMX2377UTMX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Absolute Maximum Ratings (Notes 1,
2, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
V
CC to GND
−0.3V to +6.5V
V
P Main to GND
−0.3V to +6.5V
V
P Aux to GND
−0.3V to +6.5V
Voltage on any pin to GND (V
I)
V
I must be < +6.5V
−0.3V to V
CC+0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (solder 4 s) (T
L)
+260˚C
TSSOP
θ
JA Thermal Impedance
114.5˚C/W
CSP
θ
JA Thermal Impedance
112˚C/W
Recommended Operating
Conditions (Note 1)
Power Supply Voltage
V
CC to GND
+2.7V to +5.5V
V
P Main to GND
V
CC to +5.5V
V
P Aux to GND
V
CC to +5.5V
Operating Temperature (T
A)
−40˚C to +85˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Recommended Operating Conditions indicate condi-
tions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test condi-
tions, refer to the Electrical Characteristics section. The guaranteed specifi-
cations apply only for the conditions listed.
Note 2: This device is a high performance RF integrated circuit with an ESD
rating <2 kV and is ESD sensitive. Handling and assembly of this device
should only be done at ESD protected work stations.
Note 3: GND=0V
Electrical Characteristics
V
CC =VP Main = VP Aux = Vµc = 3.0V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
CC PARAMETERS
I
CCMain + Aux
Power Supply Current, Main + Aux
Synthesizers
Clock, Data and LE = GND
OSC
in = GND
PWDN Main Bit = 0
PWDN Aux Bit = 0
3.5
4.6
mA
I
CCMain
Power Supply Current, Main
Synthesizer Only
Clock, Data and LE = GND
OSC
in = GND
PWDN Main Bit = 0
PWDN Aux Bit = 1
2.3
3.0
mA
I
CCAux
Power Supply Current, Aux
Synthesizer Only
Clock, Data and LE = GND
OSC
in = GND
PWDN Main Bit = 1
PWDN Aux Bit = 0
1.0
1.6
mA
I
CC-PWDN
Powerdown Current
Clock, Data and LE = GND
OSC
in = GND
PWDN Main Bit = 1
PWDN Aux Bit = 1
1.0
10.0
µA
MAIN SYNTHESIZER PARAMETERS
f
IN Main
Main Operating
Frequency
500
2500
MHz
N
Main
Main N Divider Range
Prescaler = 16/17
(Note 4)
48
131087
Prescaler = 32/33
(Note 4)
96
262143
R
Main
Main R Divider Range
2
32767
FφMain
Main Phase Detector Frequency
10
MHz
Pf
IN Main
Main Input Sensitivity
2.7V
≤ V
CC
≤ 3.0V
(Note 5)
−15
0
dBm
3.0V < V
CC
≤ 5.5V
(Note 5)
−10
0
dBm
www.national.com
7


Similar Part No. - LMX2377UTMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370SLBX NSC-LMX2370SLBX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370TM NSC-LMX2370TM Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370TMX NSC-LMX2370TMX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2371SLBX NSC-LMX2371SLBX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2377UTMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com