Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM25GD125D Datasheet(PDF) 2 Page - Semikron International

Part # SKM25GD125D
Description  IGBT modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM25GD125D Datasheet(HTML) 2 Page - Semikron International

  SKM25GD125D Datasheet HTML 1Page - Semikron International SKM25GD125D Datasheet HTML 2Page - Semikron International SKM25GD125D Datasheet HTML 3Page - Semikron International SKM25GD125D Datasheet HTML 4Page - Semikron International SKM25GD125D Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SKM25GD125D
2
Rev. 1 – 05.12.2012
© by SEMIKRON
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC
IF =40A
VGE =0 V
chiplevel
Tj =25 °C
2.13
2.65
V
Tj =125 °C
1.94
2.46
V
VF0
chiplevel
Tj =25 °C
1.1
1.45
V
Tj =125 °C
0.85
1.2
V
rF
chiplevel
Tj =25 °C
25.7
30.0
m
Tj =125 °C
27.1
31.4
m
IRRM
IF =25A
di/dtoff =2500 A/µs
VGE =±15 V
VCC = 600 V
Tj =125 °C
50
A
Qrr
Tj =125 °C
4µC
Err
Tj =125 °C
1.1
mJ
Rth(j-c)
per diode
1
K/W
Module
LCE
60
nH
RCC'+EE'
terminal-chip
TC =25°C
m
TC =125 °C
m
Rth(c-s)
per module
0.05
K/W
Ms
to heat sink M6
4
5
Nm
Mt
Nm
Nm
w
175
g
SEMITRANS® 6
GD
IGBT modules
SKM25GD125D
Target Data
Features
•VCE(sat) with positive temperature
coefficient
• High short circuit capability, self limiting
to 6 x Icnom
• Fast & soft inverse CAL diodes
• Large clearance (10 mm) and
creepage distances (20 mm)
• Isolated copper baseplate using DBC
Technology (Direct Copper Bonding)
• UL recognized, file no. E63532
Typical Applications*
• Three phase inverters for AC motor
speed control
• Pulse frequencies also above 15 kHz
• DC servo and robot drives


Similar Part No. - SKM25GD125D

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
More results

Similar Description - SKM25GD125D

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com