Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6216 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A6216
Description  2 A maximum output over operating temperature range
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6216 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A6216 Datasheet HTML 1Page - Allegro MicroSystems A6216 Datasheet HTML 2Page - Allegro MicroSystems A6216 Datasheet HTML 3Page - Allegro MicroSystems A6216 Datasheet HTML 4Page - Allegro MicroSystems A6216 Datasheet HTML 5Page - Allegro MicroSystems A6216 Datasheet HTML 6Page - Allegro MicroSystems A6216 Datasheet HTML 7Page - Allegro MicroSystems A6216 Datasheet HTML 8Page - Allegro MicroSystems A6216 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Automotive-Grade, Constant-Current 2 A
PWM Dimmable Buck Regulator LED Driver
A6214 and
A6216
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
SELECTION GUIDE
Part Number
Internal PWM and
FAULT Flag
Package
Packing
A6214KLKTR-T
No
10-pin SOICN with exposed thermal pad
3000 pieces per 13-in reel
A6216KLPTR-T
Yes
16-pin TSSOP with exposed thermal pad
4000 pieces per 13-in reel
Table of Contents
Features and Benefits
1
Description
1
Applications
1
Packages
1
Typical Application Circuit (A6214)
1
Typical Application Circuit (A6216)
2
Selection Guide
2
Specifications
3
Absolute Maximum Ratings
3
Thermal Characteristics
3
Pinout Diagrams and Terminal List Tables
4
Functional Block Diagrams
5
Electrical Characteristics
7
Characteristic Performance
9
Functional Description
11
Application Circuit Diagrams
18
System Failure Detection and Protection
21
Package Outline Drawings
23
Figure 2: A6216 (LP Package) Typical Application Circuit
LED+
GND
VIN (4.5 to 55 V)
CIN
EN/PWM
L1
GND
D1
ADIM
R1*
* R1, R2, R3 used in stand-alone
mode for internal PWM dimming
VCC
VCC
FAULT
External PWM
dimming signal
External analog
dimming signal
3
4
6
7
5
RANGE
BOOT
GND
CSH
CSL
FULL
TON
EN/PWM
ADIM
VCC
A6216
1
2
8
DR
GND
FPWM
14
13
11
10
12
16
15
9
FAULT
SW
VIN
FULL
FULL = “HIGH” = 100% Duty Cycle
FULL = “LOW” = DR controls Duty Cycle
RANGE
RANGE = “HIGH” = 0 to 100% Duty Cycle
RANGE = “LOW” = 0 to 30% Duty Cycle
RON
CBIAS
R2*
R3*
CBOOT
CLED
RSENSE


Similar Part No. - A6216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A621 ETC2-A621 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
A621 TEKTRONIX-A621 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
A621 TEKTRONIX-A621 Datasheet
215Kb / 4P
   Current Probes
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6216

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ET-LM317 ESTEK-ET-LM317 Datasheet
239Kb / 2P
   ABSOLUTE MAXIMUM RATINGS OVER OPERATING TEMPERATURE RANGE
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS25M0X53-B0 MURATA-CSALS25M0X53-B0 Datasheet
182Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com