Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5364CA-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A5364CA-T
Description  Low average standby current for long battery life
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5364CA-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A5364CA-T Datasheet HTML 1Page - Allegro MicroSystems A5364CA-T Datasheet HTML 2Page - Allegro MicroSystems A5364CA-T Datasheet HTML 3Page - Allegro MicroSystems A5364CA-T Datasheet HTML 4Page - Allegro MicroSystems A5364CA-T Datasheet HTML 5Page - Allegro MicroSystems A5364CA-T Datasheet HTML 6Page - Allegro MicroSystems A5364CA-T Datasheet HTML 7Page - Allegro MicroSystems A5364CA-T Datasheet HTML 8Page - Allegro MicroSystems A5364CA-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A5364
NC
I/O
LOW-V SET
NC
LED
VDD
TIMING RES
FEEDBACK
GUARD2
DETECT IN
GUARD1
SENSITIVITY SET
OSC CAP
HORN2
HORN1
VSS
To / from
other units
9
10
11
12
13
14
15
16
200 kΩ
200 k Ω
200 Ω
8.2 MΩ
1 μF
0.1 μF
1.5 MΩ
220 kΩ
Push
to Test
0.001 μF
330 Ω
9 V
A
B
C
C
C
A
B
Use an external resistor to adjust
sensitivity for a particular smoke chamber.
C
A resistor to VSS or VDD may
be added to this pin to modify
low battery voltage threshold.
Value of component will vary, based on
the piezoelectric horn used.
1
2
3
4
5
6
7
8
Description
The A5364 is a low-current, CMOS circuit providing all of
the required features for an ionization-type smoke detector.
A networking capability allows as many as 125 units to be
interconnected so that if any unit senses smoke all units will
sound their alarm. In addition, special features are incorporated
to facilitate alignment and test of the finished smoke detector.
The device is Recognized by Underwriters Laboratories for use
in smoke alarms that comply with Standard UL217.
The internal oscillator and timing circuitry keep standby power
to a minimum by powering down the device for 1.66 seconds
and sensing for smoke for only 10 ms. Every 24 on-off cycles,
a check is made for a low battery condition. By substituting
other types of sensors or a switch for the ionization detector,
this very-low–power device can be used in numerous other
battery-operated safety/security applications.
The A5364 is supplied in a low-cost 16-pin dual in-line plastic
package (DIP). It is rated for continuous operation over the
temperature range of 0°C to 50°C. The Pb (lead) free version
(suffix –T) has 100% matte tin leadframe plating.
26110.7E
Features and Benefits
▪ Low average standby current for long battery life
▪ Interconnect up to 125 detectors
▪ Piezoelectric horn driver
▪ Guard outputs for detector input
▪ Pulse testing for low battery
▪ Power-on reset (POR)
▪ Internal reverse battery protection
▪ Built-in hysteresis reduces false triggering
▪ Temporal horn pattern, per UL217, NFPA72, and ISO8201
▪ UL Recognized for UL217 applications, per file # S2113
Ionization Smoke Detector
with Interconnect
Typical Application
Not to scale
A5364
Package: 16-pin DIP (suffix A)


Similar Part No. - A5364CA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5364CA ALLEGRO-A5364CA Datasheet
156Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
More results

Similar Description - A5364CA-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1811A MICROCHIP-MCP1811A Datasheet
1Mb / 18P
   Ultra-Low Quiescent Current LDO Regulator for Long-Life Battery-Powered Applications
08/15/18
logo
MERITEK ELECTRONICS COR...
RF MERITEK-RF Datasheet
925Kb / 6P
   High ripple current, low E.S.R. and long life
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
RUBYCON CORPORATION
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
logo
Cornell Dubilier Electr...
AEB CDE-AEB Datasheet
710Kb / 7P
   Low Impedance and Long Life for High Voltage, High Ripple Current Applications
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com