Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1041 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1041
Description  Integrated Circuit FM IF Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1041 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1041 Datasheet HTML 1Page - NTE Electronics NTE1041 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1041
Integrated Circuit
FM IF Amplifier
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Volatge (Note 1), VCC
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PT
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Value at VEE = 0V.
Electrical Characteristics: (VCC = 9V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Circuit Current
IT
1.2
2.2
3.5
mA
Power Consumption
PT
50
80
mW
Power Gain
PG
f = 10.7MHz
26
32
dB
Muting Attenuation
Matt
50
62
dB
Input Admittance
Y11
0.5 +j0.5
mmhos
Reverse Transadmittance
Y12
0.01 + j0.0002
mmhos
Forward Transadmittance
Y21
–37 + j10.5
mmhos
Output Admittance
Y22
0.04 + j0.23
mmhos


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn