Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM385-1.2 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM385-1.2
Description  Micropower Voltage Reference Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM385-1.2 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM385-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LM385-1.2 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Applications (Continued)
Micropower* 5V Regulator
00551824
*IQ . 30µA
Micropower* 10V Reference
00551825
*IQ .20µA standby current
Precision 1µA to 1mA Current Sources
00551826
00551827
www.national.com
6


Similar Part No. - LM385-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385-1.2 TI-LM385-1.2 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM385-1.2 NSC-LM385-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM385-1.2 LINER-LM385-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM385-1.2 LINER-LM385-1.2 Datasheet
153Kb / 8P
   Micropower Voltage Reference
logo
Texas Instruments
LM385-1.2 TI1-LM385-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Similar Description - LM385-1.2

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com