Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AC0402KRX7R6BB Datasheet(PDF) 22 Page - YAGEO Corporation

Part No. AC0402KRX7R6BB
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0402KRX7R6BB Datasheet(HTML) 22 Page - YAGEO Corporation

Back Button AC0402KRX7R6BB Datasheet HTML 16Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 17Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 18Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 19Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 20Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 21Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 22Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 23Page - YAGEO Corporation AC0402KRX7R6BB Datasheet HTML 24Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Automotive grade
NP0
/X7R 6.3 V to 630 V
www.yageo.com
Mar. 31, 2017 V.6
Surface-Mount Ceramic Multilayer Capacitors
22
24
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Beam Load Test
AEC-Q200
23
Place the part in the beam load fixture. Apply a force until the
part breaks or the minimum acceptable force level required in
the user specification(s) is attained.
≤ 0805
Thickness > 0.5mm: 20N
Thickness ≤ 0.5mm: 8N
≥ 1206
Thickness ≥1.25 mm: 54N
Thickness < 1.25 mm: 15N
Note: Classify the components according to the highest ESD voltage level survived during
ESD testing.
Fig. 5 Passive component HBM ESD test flow diagram (DC = Direct Contact Discharge, AD = Air Discharge)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn