Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF7N60BTH Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDF7N60BTH
Description  N-Channel MOSFET 600V, 7.0A, 1.15(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF7N60BTH Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDF7N60BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF7N60BTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Oct. 2010 Version 1.3
MagnaChip Semiconductor Ltd
.
5
Fig.15 Maximum Drain Current vs. Case
Temperature
Fig.13 Single Pulse Maximum Power
Dissipation MDP7N60B(TO-220)
Fig.14 Single Pulse Maximum Power
Dissipation MDF7N60B(TO-220F)
1E-5
1E-4
1E-3
0.01
0.1
1
10
0
3000
6000
9000
12000
15000
single Pulse
R
thJC = 0.95
/W
T
C = 25
Pulse Width (s)
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
T
C, Case Temperature [
]
1E-5
1E-4
1E-3
0.01
0.1
1
10
0
2000
4000
6000
8000
10000
12000
14000
single Pulse
R
thJC = 3.01
/W
T
C = 25
Pulse Width (s)


Similar Part No. - MDF7N60BTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF7N60BTH ISC-MDF7N60BTH Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDF7N60BTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF7N60 MGCHIP-MDF7N60 Datasheet
745Kb / 6P
   N-Channel MOSFET 600V, 7A, 1.15(ohm)
MDP7N60 MGCHIP-MDP7N60 Datasheet
983Kb / 6P
   N-Channel MOSFET 600V, 7A, 1.15(ohm)
logo
KIA Semiconductor Techn...
7N60H KIA-7N60H Datasheet
280Kb / 6P
   7.0A,600V N-CHANNEL MOSFET
logo
MagnaChip Semiconductor...
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
   N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
logo
Tak Cheong Electronics ...
TFF8N60 TAK_CHEONG-TFF8N60 Datasheet
288Kb / 7P
   N-Channel Power MOSFET 8A, 600V, 1.15廓
logo
Nanjing International G...
NJ7N80 DGNJDZ-NJ7N80 Datasheet
684Kb / 6P
   7.0A 800V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
7N75 UTC-7N75 Datasheet
177Kb / 6P
   7.0A, 750V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N65 DGNJDZ-NJ7N65 Datasheet
1,000Kb / 9P
   7.0A 650V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
ITF87008DQT INTERSIL-ITF87008DQT Datasheet
203Kb / 13P
   7.0A, 20V, 0.023 Ohm, Dual N-Channel, 2.5V Specified Power MOSFET
logo
MagnaChip Semiconductor...
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com