Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23625CDDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625CDDA
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CDDA Datasheet(HTML) 1 Page - Texas Instruments

  LMR23625CDDA Datasheet HTML 1Page - Texas Instruments LMR23625CDDA Datasheet HTML 2Page - Texas Instruments LMR23625CDDA Datasheet HTML 3Page - Texas Instruments LMR23625CDDA Datasheet HTML 4Page - Texas Instruments LMR23625CDDA Datasheet HTML 5Page - Texas Instruments LMR23625CDDA Datasheet HTML 6Page - Texas Instruments LMR23625CDDA Datasheet HTML 7Page - Texas Instruments LMR23625CDDA Datasheet HTML 8Page - Texas Instruments LMR23625CDDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
IOUT (A)
0.0001
0.001
0.01
0.1
1
10
50
60
70
80
90
100
D000
VOUT = 5 V
VOUT = 3.3 V
BOOT
SW
L
CBOOT
FB
VIN
VIN up to 36 V
PGND
COUT
EN/SYNC
CIN
VCC
AGND
VOUT
CVCC
RFBT
RFBB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMR23625
SNVSAH3B – DECEMBER 2015 – REVISED APRIL 2017
LMR23625 SIMPLE SWITCHER® 36 V, 2.5 A Synchronous Step-Down Converter
1
1 Features
1
4.5 V to 36 V Input Range
2.5 A Continuous Output Current
Integrated Synchronous Rectification
Current Mode Control
Minimum Switch-On Time: 60 ns
2.1 MHz Switching Frequency With PFM and
Forced PWM Mode Options
Frequency Synchronization to External Clock
Internal Compensation for Ease of Use
75 µA Quiescent Current at No Load
Soft-Start into a Pre-Biased Load
High Duty Cycle Operation Supported
Precision Enable Input
Output Short-Circuit Protection with Hiccup Mode
Thermal Protection
8-Pin HSOIC with PowerPAD™ Package
Create a Custom Design Using the LMR23625
With the WEBENCH® Power Designer
2 Applications
Automotive Battery Regulation
Industrial Power Supplies
Telecom and Datacom Systems
General Purpose Wide Vin Regulation
3 Description
The LMR23625 SIMPLE SWITCHER® is an easy to
use 36 V, 2.5 A synchronous step down regulator.
With a wide input range from 4.5 V to 36 V, it is
suitable for various applications from industrial to
automotive for power conditioning from unregulated
sources. Peak current mode control is employed to
achieve simple control loop compensation and cycle-
by-cycle current limiting. A quiescent current of 75 μA
makes it suitable for battery powered systems. An
ultra-low 2 μA shutdown current can further prolong
battery life. Internal loop compensation means that
the user is free from the tedious task of loop
compensation
design.
This
also
minimizes
the
external components. The device has option for fixed
frequency FPWM mode to achieve small output
voltage ripple at light load. An extended family is
available in 1 A (LMR23610) and 3 A (LMR23630)
load
current
options
in
pin-to-pin
compatible
packages which allows simple, optimum PCB layout.
A precision enable input allows simplification of
regulator control and system power sequencing.
Protection features include cycle-by-cycle current
limit, hiccup mode short circuit protection and thermal
shutdown due to excessive power dissipation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMR23625C
HSOIC (8)
4.89 mm x 3.90 mm
LMR23625CF
(FPWM Option)
HSOIC (8)
4.89 mm x 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Efficiency vs Load
VIN = 12 V, PFM Option


Similar Part No. - LMR23625CDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625CDDA TI1-LMR23625CDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CDDAR TI1-LMR23625CDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results

Similar Description - LMR23625CDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com