Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5122-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5122-Q1
Description  Wide-Input Synchronous Boost Controller With Multiple Phase Capability
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5122-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM5122-Q1 Datasheet HTML 1Page - Texas Instruments LM5122-Q1 Datasheet HTML 2Page - Texas Instruments LM5122-Q1 Datasheet HTML 3Page - Texas Instruments LM5122-Q1 Datasheet HTML 4Page - Texas Instruments LM5122-Q1 Datasheet HTML 5Page - Texas Instruments LM5122-Q1 Datasheet HTML 6Page - Texas Instruments LM5122-Q1 Datasheet HTML 7Page - Texas Instruments LM5122-Q1 Datasheet HTML 8Page - Texas Instruments LM5122-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
VCC
LM5122
CSP
SYNCIN/RT
RES
SS
UVLO
VIN
SYNCOUT
AGND
BST
MODE
PGND
SLOPE
COMP
FB
HO
LO
SW
+
OPT
VOUT
CSN
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5122, LM5122-Q1
SNVS954G – FEBRUARY 2013 – REVISED MAY 2016
LM5122/-Q1 Wide-Input Synchronous Boost Controller With Multiple Phase Capability
1
1 Features
1
AEC-Q100 Qualified with the following results:
Device Temperature Grade 1: -40°C to +125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C6
Maximum Input Voltage : 65 V
Min Input Voltage : 3 V (4.5 V for startup)
Output Voltage up to 100 V
Bypass (VOUT = VIN) Operation
1.2 V Reference with ±1.0% Accuracy
Free-Run and Synchronizable Switching to 1 MHz
Peak Current Mode Control
Robust 3 A Integrated Gate Drivers
Adaptive Dead-Time Control
Optional Diode Emulation Mode
Programmable Cycle-by-Cycle Current Limit
Hiccup Mode Overload Protection
Programmable Line UVLO
Programmable Soft-Start
Thermal Shutdown Protection
Low Shutdown Quiescent Current: 9
μA
Programmable Slope Compensation
Programmable Skip Cycle Mode Reduces
Standby Power
Allows External VCC Supply
Inductor DCR Current Sensing Capability
Multiphase Capability
Thermally Enhanced 20-Pin HTSSOP
2 Applications
12-V, 24-V, and 48-V Power Systems
Automotive Start-Stop
Audio Power Supply
High Current Boost Power Supply
3 Description
The LM5122 is a multiphase capable synchronous
boost
controller
intended
for
high-efficiency
synchronous boost regulator applications. The control
method is based upon peak current mode control.
Current mode control provides inherent line feed-
forward, cycle-by-cycle current limiting and ease of
loop compensation.
The switching frequency is programmable up to 1
MHz. Higher efficiency is achieved by two robust N-
channel MOSFET gate drivers with adaptive dead-
time control. A user-selectable diode emulation mode
also
enables
discontinuous
mode
operation
for
improved efficiency at light load conditions.
An internal charge pump allows 100% duty cycle for
high-side synchronous switch (Bypass operation). A
180º phase shifted clock output enables easy multi-
phase interleaved configuration. Additional features
include thermal shutdown, frequency synchronization,
hiccup
mode
current
limit
and
adjustable
line
undervoltage lockout.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5122
HTSSOP (20)
6.50 mm × 4.40 mm
LM5122-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Application Diagram


Similar Part No. - LM5122-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122-Q1 TI-LM5122-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
More results

Similar Description - LM5122-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI-LM5122_15 Datasheet
2Mb / 49P
[Old version datasheet]   LM5122/-Q1 Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM25122-Q1 TI1-LM25122-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com