Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA71525M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA71525M
Description  Video/audio signal processor for VHS VCRs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA71525M Datasheet HTML 1Page - Sanyo Semicon Device LA71525M Datasheet HTML 2Page - Sanyo Semicon Device LA71525M Datasheet HTML 3Page - Sanyo Semicon Device LA71525M Datasheet HTML 4Page - Sanyo Semicon Device LA71525M Datasheet HTML 5Page - Sanyo Semicon Device LA71525M Datasheet HTML 6Page - Sanyo Semicon Device LA71525M Datasheet HTML 7Page - Sanyo Semicon Device LA71525M Datasheet HTML 8Page - Sanyo Semicon Device LA71525M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LA71525M
No. 5843-2/25
Operating Characteristics at Ta = 25
°C, V
CC = 5V
Continued on next page
Influx current measured at pin 41 in power save mode
Sum of influx current at pins 36, 41, 47, 76 measured;
5V: pins 36, 41, 47; 7V: pin 76
T38 output level measured with
VIN = 1.0 Vp-p video signal (PAL)
T38 output level measured with
VIN = 1.0 Vp-p video signal (NTSC)
Ratio of VEE and T38 output level with
VIN = 2.0 Vp-p video signal
Ratio of VEE and T38 output level with
VIN = 0.5 Vp-p video signal
T38 SYNC level measured with
VIN = 700 mVp-pLUMI, 600 mVp-p SYNC
T38 SYNC level measured with
VIN = 700 mVp-pLUMI, 150 mVp-p SYNC
T37 output pulse crest value measured with
VIN = 1.0 Vp-p video signal
T37 output pulse width measured with
VIN = 1.0 Vp-p video signal
Delay of output SYNC vs. input SYNC measured with
VIN = 1.0 Vp-p video signal
Input level gradually attenuated and measured when
output pulse width becomes larger than PWSYR by 1 µs
Potential measured with VIN = 1.0 Vp-p video signal,
under following conditions.
T38 sync tip level: LSYN
Pedestal level: LPED
White peak level: LWHT
T38 DC level measured with 2.7V DC applied to T33.
Using this as LHDR, differential to LPED (see above) is
calculated.
T38 DC level measured with 1.3V DC applied to T33.
Using this as LWHR, differential to LWHT (see above) is
calculated.
T25 YNR characteristics measured with
VIP = 1 Vp-p standard color bar signal
input
1 MHz response of T25 vs. 500 kHz with VIN = 1 Vp-p
standard multiburst signal
2 MHz response of T25 vs. 500 kHz with VIN = 1 Vp-p
standard multiburst signal
3 MHz response of T25 vs. 500 kHz with VIN = 1 Vp-p
standard multiburst signal
4.43 MHz response of T25 vs. 500 kHz with
VIN = 1 Vp-p standard multiburst signal
T18 output level measured in no-signal input condition
T18 output frequency measured in no-signal input
condition
YLPF frequency response
characteristics 1
YLPF frequency response
characteristics 2
YLPF frequency response
characteristics 3
YLPF frequency response
characteristics 4
ICCS
ICCR
VEE1
VEE2
AGC1
AGC2
AGC3
AGC4
VSYR
PWSYR
∆T
SYR
THSYR
LVOR
∆HDR
RYNR
∆WHR
YLPF1
YLPF2
YLPF3
YLPF4
VFM
FFM1
FFM2
Serial
00 OFF
10 (weak)
01 (medium)
11 (strong)
min
t y p
max
[REC mode Y]
Current drain
20
22
24
mA
(POWER SAVE MODE)
Current drain
130
145
160
mA
(REC)
EE output level 1
T28A
T38
2.0
2.1
2.2
Vp-p
EE output level 2
T28A
T38
2.0
2.1
2.2
Vp-p
AGC characteristics 1
T28A
T38
0
0.6
1.2
dB
AGC characteristics 2
T28A
T38
–1.2
–0.2
0
dB
AGC characteristics 3
T28A
T38
550
650
750 mVp-p
AGC characteristics 4
T28A
T38
370
420
470 mVp-p
Sync separation output level
T28A
T37
4.0
4.2
4.4
Vp-p
Sync separation output pulse
T28A
T37
4.2
4.5
4.8
µs
width
Sync separation output
T28A
T37
0.6
0.8
1.0
µs
Pre-delay time
Sync separation output
T28A
T37
–20
–15
dB
Threshold level
Sync tip level
T28A
T38
700
800
900
mV
Pedestal level
White level measurement
Simulated H insertion level
T28A
T38
–150
0
mV
White insertion level
T28A
T38
–150
0
mV
REC YNR operation
T28A
T25
000
1.7
2.7
3.7
4.2
5.7
7.2
///
T28A
T25
–0.3
dB
T28A
T25
–1.4
–0.4
dB
T28A
T25
–4
–2
0
dB
T28A
T25
–25
dB
REC-FM output level
T18
304
320
336 mVp-p
Carrier frequency 1 (PAL)
3.725
3.8
3.875
MHz
Carrier frequency 2 (NTSC)
3.325
3.4
3.475
MHz
+0.6
dB
+0.7
+0.2
+150
+150
T18
Parameter
Symbol
Input
Output
Conditions
Unit
Ratings


Similar Part No. - LA71525M

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart No.DatasheetDescription
Rohm
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
Sanyo Semicon Device
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
Toshiba Semiconductor
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
Sanyo Semicon Device
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
NXP Semiconductors
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
Sanyo Semicon Device
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
NXP Semiconductors
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz