Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD4700 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUD4700
Description  LED Shunt
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD4700 Datasheet(HTML) 2 Page - ON Semiconductor

  NUD4700 Datasheet HTML 1Page - ON Semiconductor NUD4700 Datasheet HTML 2Page - ON Semiconductor NUD4700 Datasheet HTML 3Page - ON Semiconductor NUD4700 Datasheet HTML 4Page - ON Semiconductor NUD4700 Datasheet HTML 5Page - ON Semiconductor NUD4700 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NUD4700
www.onsemi.com
2
MAXIMUM RATINGS (Maximum ratings are those, that, if exceeded, may cause damage to the device. Electrical Characteristics are
not guaranteed over this range)
Rating
Symbol
Value
Unit
Peak Repetitive Off State Voltage (Anode to Cathode)
VDM
−0.3 to 10
V
Average On−State Current, (TA = 25°C),
(Note 1)
(Note 2)
IT(AVG)
1.3
0.376
A
Thermal Resistance, Junction−to−Air
(Note 1)
(Note 2)
QJA
80
277
°C/W
Thermal Resistance, Junction−to−Lead
QJL
35
°C/W
Power Dissipation (TA = 25°C)
(Note 1)
(Note 2)
PMAX
1.56
0.45
W
Operating Temperature Range
TJ
−40 to 150
°C
Non−Operating Temperature Range
TJ
150
°C
Lead Temperature, Soldering (10 Sec)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Mounted onto a 1“ x 1” square copper pad.
Normally this device would be mounted on the same copper heat sink and adjacent to the LED. If the LED were to go open, then the NUD4700
shunt would now dissipate the power using the same copper heat sink. Since the NUD4700 has a voltage that is nominally 30% of the LED,
then the power dissipation would be easily handled by the same heat sink as the LED.
2. Device mounted on minimum copper pad.
ELECTRICAL CHARACTERISTICS (Unless otherwise noted: TA = 25°C)
Characteristics
Symbol
Min
Typ
Max
Unit
Off−State Current
(VAnode = 5 V)
ILEAK
100
250
mA
Breakdown Voltage
(IBR = 1 mA)
V(BR)
5.5
7.5
V
Holding Current
(VAnode = 10 V, Iinitial = 100 mA)
IH
6.0
12
mA
Latching Current
(VAnode = 10 V)
IL
35
70
mA
On−State Voltage
(IT = 0.350 A)
(IT = 0.750 A)
(IT = 1.0 A)
VT
1.0
1.0
1.0
1.2
V
DYNAMIC CHARACTERISTICS
Critical Rate−of−Rise of Off State Voltage
(Vpk = Rated V(BR), TJ = 125°C, Exponential Method)
dV/dt
250
V/
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NUD4700

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
NUD4700SNT1G ONSEMI-NUD4700SNT1G Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
More results

Similar Description - NUD4700

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
Bourns Electronic Solut...
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
293Kb / 6P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
PLED06CA LEIDITECH-PLED06CA Datasheet
568Kb / 3P
   LED Shunt Protection
PLED06CB LEIDITECH-PLED06CB Datasheet
603Kb / 3P
   LED Shunt Protection
PLED09CA LEIDITECH-PLED09CA Datasheet
570Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com