Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD3055-150-1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD3055-150-1G
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD3055-150-1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTD3055-150-1G Datasheet HTML 1Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 2Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 3Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 4Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 5Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 6Page - ON Semiconductor NTD3055-150-1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTD3055−150, NVD3055−150
http://onsemi.com
4
VGS
VDS
4
10
6
0
12
4
10
320
20
10
0
0
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
1
100
10
10
100
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
RG, GATE RESISTANCE (W)
Figure 10. Diode Forward Voltage versus
Current
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
560
01
6
0.6
0.92
0.84
0.76
0.68
1
6
2
0
8
10
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
160
240
400
25
2
ID = 9 A
TJ = 25°C
Q2
Q1
VGS
QT
VDS = 30 V
ID = 9 A
VGS = 10 V
tr
td(off)
td(on)
tf
VGS = 0 V
TJ = 25°C
VGS = 0 V
VDS = 0 V
TJ = 25°C
Crss
Ciss
Coss
Crss
Ciss
23
45
80
480
15
5
5
78
8
16
0.1
100
10
100
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
25
125
100
75
50
24
8
0
32
VGS = 20 V
SINGLE PULSE
TC = 25°C
ID = 7.75 A
175
150
1
10
1
0.1
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10 ms
10
ms
1 ms
dc
100
ms


Similar Part No. - NTD3055-150-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055-150-1G ONSEMI-NTD3055-150-1G Datasheet
67Kb / 8P
   Power MOSFET 9.0 A, 60 V
August, 2004 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD3055-150-1G VBSEMI-NTD3055-150-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD3055-150-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com